Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 80 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 80 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 76Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 77Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 78Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 79Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 80Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 81Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 82Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 83Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
5.15.4.2.1 Programming Example: External Interrupt
PSW
=00EF
CNTRL
=00EE
RBIT
0,PORTGC
RBIT
0,PORTGD
; G0 pin configured Hi-Z
SBIT
IEDG, CNTRL
; Ext interrupt polarity; falling edge
SBIT
GIE, PSW
; Set the GIE bit
SBIT
EXEN, PSW
; Enable the external interrupt
WAIT:
JP
WAIT
; Wait for external interrupt
.
.
.
.=0FF
; The interrupt causes a
VIS
; branch to address 0FF
; The VIS causes a branch to
; interrupt vector table
.
.
.
.=01FA
; Vector table (within 256 byte
.ADDRW SERVICE
; of VIS inst.) containing the ext
; interrupt service routine
.
.
.
SERVICE:
; Interrupt Service Routine
RBIT,EXPND,PSW
; Reset ext interrupt pend. bit
.
.
.
RET I
; Return, set the GIE bit
5.15.5 PORT L INTERRUPTS
Port L provides the user with an additional eight fully selectable, edge sensitive interrupts which are all
vectored into the same service subroutine.
The interrupt from Port L shares logic with the wake-up circuitry. The register WKEN allows interrupts from
Port L to be individually enabled or disabled. The register WKEDG specifies the trigger condition to be
either a positive or a negative edge. Finally, the register WKPND latches in the pending trigger conditions.
The GIE (Global Interrupt Enable) bit enables the interrupt function.
A control flag, LPEN, functions as a global interrupt enable for Port L interrupts. Setting the LPEN flag will
enable interrupts and vice versa. A separate global pending flag is not needed since the register WKPND
is adequate.
Since Port L is also used for waking the device out of the HALT or IDLE modes, the user can elect to exit
the HALT or IDLE modes either with or without the interrupt enabled. If he elects to disable the interrupt,
then the device will restart execution from the instruction immediately following the instruction that placed
the microcontroller in the HALT or IDLE modes. In the other case, the device will first execute the interrupt
service routine and then revert to normal operation. (See HALT MODE for clock option wake-up
information.)
5.15.6 INTERRUPT SUMMARY
The device uses the following types of interrupts, listed below in order of priority:
1. The Software Trap non-maskable interrupt, triggered by the INTR (00 opcode) instruction. The
Software Trap is acknowledged immediately. This interrupt service routine can be interrupted only by
another Software Trap. The Software Trap should end with two RPND instructions followed by a re-
start procedure.
2. Maskable interrupts, triggered by an on-chip peripheral block or an external device connected to the
device. Under ordinary conditions, a maskable interrupt will not interrupt any other interrupt routine in
progress. A maskable interrupt routine in progress can be interrupted by the non-maskable interrupt
request. A maskable interrupt routine should end with an RETI instruction or, prior to restoring context,
80
Functional Description
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com