Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 70 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 70 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 66Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 67Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 68Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 69Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 70Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 71Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 72Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 73Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
Table 5-20. A/D Converter Channel Selection when the Multiplexor Output is Enabled
Mode Select
Mode Select
ADMOD = 0
Mux Output
Select Bits
ADMOD = 1
Single Ended
Enabled
Differential Mode
Mode
ADCH3
ADCH2
ADCH1
ADCH0
Channel No.
Channel Pairs (+,
MUX
−)
0
0
0
0
0
0, 1
1
0
0
0
1
1
1, 0
1
0
0
1
0
2
2, 3
1
0
0
1
1
3
3, 2
1
0
1
0
0
4
4, 5
1
0
1
0
1
5
5, 4
1
0
1
1
0
6
6, 7
1
0
1
1
1
7
7, 6
1
1
0
0
0
8
8, 9
1
1
0
0
1
9
9, 8
1
1
0
1
0
10
10, 11
1
1
0
1
1
11
11, 10
1
1
1
0
0
12
Not Used(1)
1
1
1
0
1
13
ADC13 is
1
Mux Output
−
See(1)
1
1
1
0
ADCH14 is
ADCH14 is
1
Mux Output(2)
Mux Output +
See (2)
1
1
1
1
ADCH15 is
ADCH15 is
1
A/D Input(2)
A/D Input(2)
(1)
This Input Channel Selection should not be used in Differential Mode when the Multiplexor Output is enabled.
(2)
This Input Channel Selection should not be used when the Multiplexor Output is enabled.
5.14.1.1.2 Multiplexor Output Select
This 1-bit field allows the output of the A/D multiplexor and the input to the A/D to be connected directly to
external pins. This allows for an external, common filter/signal conditioning circuit to be applied to all
channels. The output of the external conditioning circuit can then be connected directly to the input of the
Sample and Hold input on the A/D Converter. See Figure 5-20 for the single ended mode diagram. The
Multiplexor output is connected to ADCH14 and the A/D input is connected to ADCH15. For Differential
mode, the differential multiplexor outputs are available and should be converted to a single ended voltage
for connection to the A/D Converter Input. See Figure 5-21.
The channel assignments for this mode are shown in Table 5-21.
When using the Mux Output feature, the delay though the internal multiplexor to the pin, plus the delay of
the external filter circuit, plus the internal delay to the Sample and Hold will exceed the three clock cycles
that's allowed in the conversion. This adds the requirement that, whenever the MUX bit = 1, that the
channel selected by ADCH3:0 bits be enabled, even when ADBSY = 0, and gated to the mux output pin.
The input path to the A/D converter is also enabled. This allows the input channel to be selected and
settled before starting a conversion. The sequence to perform conversions using the Mux Out feature is a
multistep process and is listed below.
1. Select the desired channel and operating modes and load them into ENAD without setting ADBSY.
2. Wait the appropriate time until the analog input has settled. This will depend on the application and the
response of the external circuit.
3. Select the same desired channel and operating modes used in step 1 and load them into ENAD and
also set ADBSY or set ADBSY by using the SBIT instruction. This will start the conversion.
70
Functional Description
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com