Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 47 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 47 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 43Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 44Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 45Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 46Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 47Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 48Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 49Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 50Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
Figure 5-12. Timer in Input Capture Mode
5.11.3 TIMER CONTROL FLAGS
The control bits and their functions are summarized below.
TxC3
Timer mode control
TxC2
Timer mode control
TxC1
Timer mode control
TxC0
Timer Start/Stop control in Modes 1 and 2 (Processor Independent PWM and External Event
Counter), where 1 = Start, 0 = Stop
Timer Underflow Interrupt Pending Flag in Mode 3 (Input Capture)
TxPNDA
Timer Interrupt Pending Flag
TxENA
Timer Interrupt Enable Flag
1 = Timer Interrupt Enabled
0 = Timer Interrupt Disabled
TxPNDB
Timer Interrupt Pending Flag
TxENB
Timer Interrupt Enable Flag
1 = Timer Interrupt Enabled
0 = Timer Interrupt Disabled
The timer mode control bits (TxC3, TxC2 and TxC1) are detailed in Table 5-14, Timer Operating Modes.
When the high speed timers are counting in high speed mode, directly altering the contents of the timer
upper or lower registers, the PWM outputs or the reload registers is not recommended. Bit operations can
be particularly problematic. Since any of these six registers or the PWM outputs can change as many as
ten times in a single instruction cycle, performing an SBIT or RBIT operation with the timer running can
produce unpredictable results. The recommended procedure is to stop the timer, perform any changes to
the timer, the PWM outputs or reload register values, and then re-start the timer. This warning does not
apply to the timer control register. Any type of read/write operation, including SBIT and RBIT may be
performed on this register in any operating mode.
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
47
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com