Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 3Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 4Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 5Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 6Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 7Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 8Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 9Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 10Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
Table 2-1. Pinouts for All Packages (continued)
In System
44-Pin
48-Pin
56-Pin
68-Pin
Port
Type
Alt. Fun
Emulation
44-Pin WQFN
PLCC
TSSOP
TSSOP
PLCC
Mode
A0
I/O
ADCH0
33
39
46
A1
I/O
ADCH1
34
40
47
A2
I/O
ADCH2
36
31
35
41
48
A3
I/O
ADCH3
37
32
36
42
49
A4
I/O
ADCH4
38
33
37
43
50
A5
I/O
ADCH5
39
34
38
44
51
A6
I/O
ADCH6
40
35
39
45
52
A7
I/O
ADCH7
41
36
40
46
53
B0
I/O
ADCH8
24
19
19
27
34
B1
I/O
ADCH9
25
20
20
28
35
B2
I/O
ADCH10
26
21
21
29
36
B3
I/O
ADCH11
27
22
22
30
37
B4
I/O
ADCH12
28
23
23
31
38
B5
I/O
ADCH13 or A/D MUX OUT
29
24
24
32
39
B6
I/O
ADCH14 or A/D MUX OUT
30
25
25
33
40
B7
I/O
ADCH15 or A/DIN
31
26
26
34
41
F0
I/O
7
F1
I/O
8
F2
I/O
9
F3
I/O
10
DVCC
VCC
35
30
32
38
17, 45
DGND
GND
32
27
27
35
16, 42
AVCC
34
29
31
37
44
AGND
33
28
28
36
43
CKI
I
15
10
10
10
15
RESET
I
RESET
6
1
1
1
66
2.3
Architectural Overview
This table assumes that the control flag MSEL is set.
2.3.1
EMI REDUCTION
This table assumes that the control flag MSEL is set.
The COP8CBR/CCR/CDR devices incorporate circuitry that guards against electromagnetic interference -
an increasing problem in today's microcontroller board designs. TI's patented EMI reduction technology
offers low EMI clock circuitry, gradual turn-on output drivers (GTOs) and internal Icc smoothing filters, to
help circumvent many of the EMI issues influencing embedded control designs. TI has achieved 15 dB–20
dB reduction in EMI transmissions when designs have incorporated its patented EMI reducing circuitry.
2.3.2
IN-SYSTEM PROGRAMMING AND VIRTUAL EEPROM
The
device
includes
a
program
in
a
boot
ROM
that
provides
the
capability,
through
the
MICROWIRE/PLUS serial interface, to erase, program and read the contents of the Flash memory.
Additional routines are included in the boot ROM, which can be called by the user program, to enable the
user to customize in system software update capability if MICROWIRE/PLUS is not desired.
Copyright © 2000–2013, Texas Instruments Incorporated
Device Information
7
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com