Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 18Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 19Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 20Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 21Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 22Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 23Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 24Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 25Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
5
Functional Description
This table assumes that the control flag MSEL is set.
The architecture of the device is a modified Harvard architecture. With the Harvard architecture, the
program memory (Flash) is separate from the data store memory (RAM). Both Program Memory and Data
Memory have their own separate addressing space with separate address buses. The architecture, though
based on the Harvard architecture, permits transfer of data from Flash Memory to RAM.
5.1
CPU REGISTERS
The CPU can do an 8-bit addition, subtraction, logical or shift operation in one instruction (tC) cycle time.
There are six CPU registers:
A is the 8-bit Accumulator Register
PC is the 15-bit Program Counter Register
PU is the upper 7 bits of the program counter (PC)
PL is the lower 8 bits of the program counter (PC)
B is an 8-bit RAM address pointer, which can be optionally post auto incremented or decremented.
X is an 8-bit alternate RAM address pointer, which can be optionally post auto incremented or
decremented.
S is the 8-bit Data Segment Address Register used to extend the lower half of the address range (00 to
7F) into 256 data segments of 128 bytes each.
SP is the 8-bit stack pointer, which points to the subroutine/interrupt stack (in RAM). With reset the SP is
initialized to RAM address 06F Hex. The SP is decremented as items are pushed onto the stack. SP
points to the next available location on the stack.
All the CPU registers are memory mapped with the exception of the Accumulator (A) and the Program
Counter (PC).
5.2
PROGRAM MEMORY
The program memory consists of 32,768 bytes of Flash Memory. These bytes may hold program
instructions or constant data (data tables for the LAID instruction, jump vectors for the JID instruction, and
interrupt vectors for the VIS instruction). The program memory is addressed by the 15-bit program counter
(PC). All interrupts in the device vector to program memory location 00FF Hex. The program memory
reads 00 Hex in the erased state. Program execution starts at location 0 after RESET.
If a Return instruction is executed when the SP contains 6F (hex), instruction execution will continue from
Program Memory location 7FFF (hex). If location 7FFF is accessed by an instruction fetch, the Flash
Memory will return a value of 00. This is the opcode for the INTR instruction and will cause a Software
Trap.
For the purpose of erasing and rewriting the Flash Memory, it is organized in pages of 128 bytes.
5.3
DATA MEMORY
The data memory address space includes the on-chip RAM and data registers, the I/O registers
(Configuration, Data and Pin), the control registers, the MICROWIRE/PLUS SIO shift register, and the
various registers, and counters associated with the timers and the USART (with the exception of the IDLE
timer). Data memory is addressed directly by the instruction or indirectly by the B, X and SP pointers.
22
Functional Description
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com