Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 2Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 3Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 4Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 5Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 6Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 7Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 8Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 9Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
Table 2-1. Pinouts for All Packages
In System
44-Pin
48-Pin
56-Pin
68-Pin
Port
Type
Alt. Fun
Emulation
44-Pin WQFN
PLCC
TSSOP
TSSOP
PLCC
Mode
L0
I/O
MIWU or Low Speed OSC In
16
11
11
15
22
L1
I/O
MIWU or CKX or Low Speed
17
12
12
16
23
OSC Out
L2
I/O
MIWU or TDX
18
13
13
17
24
L3
I/O
MIWU or RDX
19
14
14
18
25
L4
I/O
MIWU or T2A
20
15
15
19
26
L5
I/O
MIWU or T2B
21
16
16
20
27
L6
I/O
MIWU or T3A
22
17
17
21
28
L7
I/O
MIWU or T3B
23
18
18
22
29
G0
I/O
INT
Input
7
2
2
2
3
G1
I/O
WDOUT(1)
POUT
8
3
3
3
4
G2
I/O
T1B
Output
9
4
4
4
5
G3
I/O
T1A
Clock
10
5
5
5
6
G4
I/O
SO
11
6
6
6
11
G5
I/O
SK
12
7
7
7
12
G6
I
SI
13
8
8
8
13
G7
I
CKO
14
9
9
9
14
D0
O
42
37
41
49
58
D1
O
43
38
42
50
59
D2
O
44
39
43
51
60
D3
O
1
40
44
52
61
D4
O
2
41
45
53
62
D5
O
3
42
46
54
63
D6
O
4
43
47
55
64
D7
O
5
44
48
56
65
E0
I/O
47
54
E1
I/O
48
55
E2
I/O
56
E3
I/O
57
E4
I/O
67
E5
I/O
68
E6
I/O
1
E7
I/O
2
C0
I/O
11
18
C1
I/O
12
19
C2
I/O
13
20
C3
I/O
14
21
C4
I/O
23
30
C5
I/O
24
31
C6
I/O
25
32
C7
I/O
26
33
(1)
G1 operation as WDOUT is controlled by Option Register bit 2.
6
Device Information
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com