Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 42 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 42 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 38Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 39Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 40Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 41Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 42Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 43Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 44Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 45Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
Table 5-12. Typical Flash Memory Endurance
Low End of Operating Temp Range
Erase Time
−40°C
−20°C
0°C
25°C
>25°C
1 ms
60k
60k
60k
100k
100k
2 ms
60k
60k
60k
100k
100k
3 ms
60k
60k
60k
100k
100k
4 ms
60k
60k
100k
100k
100k
5 ms
70k
70k
100k
100k
100k
6 ms
80k
80k
100k
100k
100k
7 ms
90k
90k
100k
100k
100k
8 ms
100k
100k
100k
100k
100k
5.11 Timers
The device contains a very versatile set of timers (T0, T1, T2 and T3). Timers T1, T2 and T3 and
associated autoreload/capture registers power up containing random data.
5.11.1 TIMER T0 (IDLE TIMER)
The device supports applications that require maintaining real time and low power with the IDLE mode.
This IDLE mode support is furnished by the IDLE Timer T0, which is a 16-bit timer. The user cannot read
or write to the IDLE Timer T0, which is a count down timer.
As described in Power Saving Features, the clock to the IDLE Timer depends on which mode the device
is in. If the device is in High Speed mode, the clock to the IDLE Timer is the instruction cycle clock (one-
fifth of the CKI frequency). If the device is in Dual Clock mode or Low Speed mode, the clock to the IDLE
Timer is the 32 kHz clock. For the remainder of this section, the term “selected clock” will refer to the clock
selected by the Power Save mode of the device. During Dual Clock and Low Speed modes, the divide by
10 that creates the instruction cycle clock is disabled, to minimize power consumption.
In addition to its time base function, the Timer T0 supports the following functions:
•
Exit out of the Idle Mode (See Idle Mode description)
•
WATCHDOG logic (See WATCHDOG description)
•
Start up delay out of the HALT mode
•
Start up delay from BOR
Figure 5-9 is a functional block diagram showing the structure of the IDLE Timer and its associated
interrupt logic.
Bits 11 through 15 of the ITMR register can be selected for triggering the IDLE Timer interrupt. Each time
the selected bit underflows (every 4k, 8k, 16k, 32k or 64k selected clocks), the IDLE Timer interrupt
pending bit T0PND is set, thus generating an interrupt (if enabled), and bit 6 of the Port G data register is
reset, thus causing an exit from the IDLE mode if the device is in that mode.
In order for an interrupt to be generated, the IDLE Timer interrupt enable bit T0EN must be set, and the
GIE (Global Interrupt Enable) bit must also be set. The T0PND flag and T0EN bit are bits 5 and 4 of the
ICNTRL register, respectively. The interrupt can be used for any purpose. Typically, it is used to perform a
task upon exit from the IDLE mode. For more information on the IDLE mode, refer to Power Saving
Features.
The Idle Timer period is selected by bits 0–2 of the ITMR register Bit 3 of the ITMR Register is reserved
and should not be used as a software flag. Bits 4 through 7 of the ITMR Register are used by the dual
clock and are described in Power Saving Features.
42
Functional Description
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com