Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 55 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 55 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 51Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 52Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 53Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 54Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 55Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 56Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 57Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 58Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
The IDLE Timer cannot be started or stopped under software control, and it is not memory mapped, so it
cannot be read or written by the software. Its state upon Reset is unknown. Therefore, if the device is put
into the IDLE mode at an arbitrary time, it will stay in the IDLE mode for somewhere between 30 µs and
the selected time period.
In order to precisely time the duration of the IDLE state, entry into the IDLE mode must be ”synchronized
to the state of the IDLE Timer. The best way to do this is to use the IDLE Timer interrupt, which occurs on
every underflow of the bit of the IDLE Timer which is associated with the selected window. Another
method is to poll the state of the IDLE Timer pending bit T0PND, which is set on the same occurrence.
The Idle Timer interrupt is enabled by setting bit T0EN in the ICNTRL register.
Any time the IDLE Timer window length is changed there is the possibility of generating a spurious IDLE
Timer interrupt by setting the T0PND bit. The user is advised to disable IDLE Timer interrupts prior to
changing the value of the ITSEL bits of the ITMR Register and then clear the T0PND bit before attempting
to synchronize operation to the IDLE Timer.
NOTE
As with the HALT mode, it is necessary to program two NOP's to allow clock
resynchronization upon return from the IDLE mode. The NOP's are placed either at the
beginning of the IDLE Timer interrupt routine or immediately following the “enter IDLE mode”
instruction.
For more information on the IDLE Timer and its associated interrupt, see the description in the Timers
section.
5.12.5 LOW SPEED MODE OPERATION
This mode of operation allows for low speed operation of the core clock and low speed operation of the
Idle Timer. Because the low speed oscillator draws very little operating current, and also to expedite
restarting from HALT mode, the low speed oscillator is left on at all times in this mode, including HALT
mode. This is the lowest power mode of operation on the device. This mode can only be entered from the
Dual Clock mode.
To enter the Low Speed mode, the following sequence must be followed using two separate instructions:
1. Software sets the CCKSEL bit to 1.
2. Software clears the HSON bit to 0.
Since the low speed oscillator is already running, there is no clock startup delay.
5.12.5.1 Low Speed HALT Mode
The fully static architecture of this device allows the state of the microcontroller to be frozen. Because the
low speed oscillator draws very minimal operating current, it will be left running in the low speed halt
mode. However, the Idle Timer will not be running. This also allows for a faster exit from HALT. The
processor can be forced to exit the HALT mode and resume normal operation at any time.
During normal operation, the actual power consumption depends heavily on the clock speed and operating
voltage used in an application and is shown in the Electrical Specifications. In the HALT mode, the device
only draws a small leakage current, plus current for the BOR feature (if enabled), plus the 32 kHz
oscillator current, plus any current necessary for driving the outputs. Since total power consumption is
affected by the amount of current required to drive the outputs, all I/Os should be configured to draw
minimal current prior to entering the HALT mode, if possible.
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
55
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com