Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 96 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 96 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 92Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 93Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 94Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 95Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 96Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 97Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 98Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 99Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
Reset Pending Bit (RPND)
5.19.4.8 Conditional Instructions
The conditional instruction test a condition. If the condition is true, the next instruction is executed in the
normal manner; if the condition is false, the next instruction is skipped.
If Equal (IFEQ)
If Not Equal (IFNE)
If Greater Than (IFGT)
If Carry (IFC)
If Not Carry (IFNC)
If Bit (IFBIT)
If B Pointer Not Equal (IFBNE)
And Skip if Zero (ANDSZ)
Decrement Register and Skip if Zero (DRSZ)
5.19.4.9 No-Operation Instruction
The no-operation instruction does nothing, except to occupy space in the program memory and time in
execution.
No-Operation (NOP)
NOTE
The VIS is a special case of the Indirect Transfer of Control addressing mode, where the
double byte vector associated with the interrupt is transferred from adjacent addresses in the
program memory into the program counter (PC) in order to jump to the associated interrupt
service routine.
5.19.5 REGISTER AND SYMBOL DEFINITION
The following abbreviations represent the nomenclature used in the instruction description and the COP8
cross-assembler.
Registers
A
8-Bit Accumulator Register
B
8-Bit Address Register
X
8-Bit Address Register
S
8-Bit Segment Register
SP
8-Bit Stack Pointer Register
PC
15-Bit Program Counter Register
PU
Upper 7 Bits of PC
PL
Lower 8 Bits of PC
C
1 Bit of PSW Register for Carry
HC
1 Bit of PSW Register for Half Carry
GIE
1 Bit of PSW Register for Global Interrupt Enable
VU
Interrupt Vector Upper Byte
VL
Interrupt Vector Lower Byte
96
Functional Description
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com