Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 105 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 105 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 101Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 102Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 103Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 104Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 105Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 106Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 107Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 108Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 111 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
5-Oct-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
COP8CBR9HVA8/NOPB
OBSOLETE
PLCC
FN
44
TBD
Call TI
Call TI
-40 to 85
COP8CBR9HVA8
COP8CBR9IMT8/NOPB
ACTIVE
TSSOP
DGG
48
38
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-40 to 85
COP8CBR9IMT8
COP8CCR9HVA8/NOPB
ACTIVE
PLCC
FN
44
25
Green (RoHS
& no Sb/Br)
CU SN
Level-3-245C-168 HR
-40 to 125
COP8CCR9HVA8
COP8CCR9IMT7/NOPB
ACTIVE
TSSOP
DGG
48
38
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-40 to 125
COP8CCR9IMT7
COP8CCR9IMT8/63SN
ACTIVE
TSSOP
DGG
48
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
COP8CCR9IMT8
COP8CCR9IMT8/NOPB
ACTIVE
TSSOP
DGG
48
38
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-40 to 125
COP8CCR9IMT8
COP8CCR9LVA7/NOPB
OBSOLETE
PLCC
FN
68
TBD
Call TI
Call TI
-40 to 125
COP8CCR9LVA7
COP8CDR9HVA8/NOPB
ACTIVE
PLCC
FN
44
25
Green (RoHS
& no Sb/Br)
CU SN
Level-3-245C-168 HR
-40 to 85
COP8CDR9HVA8
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com