Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 112 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 112 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 108Page - Microchip Technology UCS1002-1 Datasheet HTML 109Page - Microchip Technology UCS1002-1 Datasheet HTML 110Page - Microchip Technology UCS1002-1 Datasheet HTML 111Page - Microchip Technology UCS1002-1 Datasheet HTML 112Page - Microchip Technology UCS1002-1 Datasheet HTML 113Page - Microchip Technology UCS1002-1 Datasheet HTML 114Page - Microchip Technology UCS1002-1 Datasheet HTML 115Page - Microchip Technology UCS1002-1 Datasheet HTML 116Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 112 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
112
SMSC UCS1002
DATASHEET
Chapter 14 Document Revision History
Table 14.1 Customer Revision History
REVISION
LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION
Revision 1.4
(07-16-13)
Cover
Added patent information to cover
Title change from “USB Port Power Controller with Charger
Emulation” to “Programmable USB Port Power Controller with
Charger Emulation”
Table 3.3, "Electrical
Specifications"
Added specifications for IDET_QUAL / IREM_QUAL and IBUS_CHG
Section 9.8.2, "Emulation
Cycling"
Updated text for DCE cycle behavior. Changed cycle order for
1001-3 and 1001-4.
Section 10.4.4, "Attach
Detection Configuration -
18h"
Changed register default setting for IDET_QUAL / IREM_QUAL
default change from 45h to 46h
Section 10.8, "IBUS_CHG
Configuration Register"
Changed register default setting for IBUS_CHG value change
from 01h to 04h
Revision 1.3
(02-14-13)
Table 3.3, "Electrical
Specifications"
Added Pin Wake Time (tPIN_WAKE).
Added SMBus Wake Time (tSBM_WAKE) and Idle Sleep Time
(tIDLE_SLEEP).
Added Timeout (tTIMEOUT) and Idle Reset (tIDLE_RESET).
Changed ISLEEP from 8 µA (MAX) to 15 µA (MAX) per
characterization data.
Added 12W Current Limit changes.
Figure 5.5, "Wake Timing
via External Pins"
Changed ~3ms to tPIN_WAKE. Removed third example: “Wake
with S0 & PWR_EN to Auto-transition Detect State (VS >
VS_UVLO, M1 & M2 & EM_EN not all ‘0’ and not set to Data
Pass-through)”.
Figure “Wake Via SMBus
Read with S0 = “0”
Changed >5ms to tIDLE_SLEEP.
Changed time between reads from 1ms<t<5ms to tSMB_WAKE.
Chapter 5, General
Description
After system diagrams, noted that a reference design is
available.
Chapter 14, Document
Revision History
Added.
Revision 1.2
(05-21-12)
Cover
Certification added: “
UL recognized and EN/IEC 60950-1
(CB) certified”
Revision 1.2
(05-16-12)
Cover
Source voltage: Vs MIN moved from 2.7 to 2.9 V to
accommodate UL
Table 3.3, "Electrical
Specifications"
Source voltage: Vs MIN moved from 2.7 to 2.9 V to
accommodate UL
Cover
There are nine preloaded charger emulation profiles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com