Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 114 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 114 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 108Page - Microchip Technology UCS1002-1 Datasheet HTML 109Page - Microchip Technology UCS1002-1 Datasheet HTML 110Page - Microchip Technology UCS1002-1 Datasheet HTML 111Page - Microchip Technology UCS1002-1 Datasheet HTML 112Page - Microchip Technology UCS1002-1 Datasheet HTML 113Page - Microchip Technology UCS1002-1 Datasheet HTML 114Page - Microchip Technology UCS1002-1 Datasheet HTML 115Page - Microchip Technology UCS1002-1 Datasheet HTML 116Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 114 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
114
SMSC UCS1002
DATASHEET
Table 9.2, "Current Limit
Mode Options"
Rearranged rows so DCE Cycle is grouped together.
Added row for DCE Cycle when a charger emulation profile is
being applied.
For Legacy charger emulation profiles 1 and 3-7 and the
Custom profile, the current limiting behavior used when the
profile is accepted is also used if the timeout is disabled when
the profile is applied during the DCE cycle.
Added text below table: As noted in the last three rows in
Table 9.2, under those specific conditions with ILIM < 1.5 A, it
is the relationship of ILIM and IBUS_R2MIN that determines the
current limiting mode. In these cases, the value of IBUS_R2MIN
is determined by CS_R2_IMIN[2:0] bits 4-2 in the Custom
Current Limiting Behavior Configuration register 51h.
Section 9.8.2, "Emulation
Cycling"
and
Section 9.11.5, "Legacy 7
Charger Emulation Profile"
Legacy 7 charger emulation profile defined and enabled by
default.
Section 10.4, "Configuration
Registers"
and
Table 10.10, "Attach /
Removal Detection
Threshold Options"
ATT_TH[1:0] default changed from 200 µA to 400 µA. 18h
register default changed from 44h to 45h.
Section 10.10.2, "Legacy
Emulation Enable - 21h"
Legacy 7 charger emulation profile enabled by default.
Register 21h default changed from 40h to 00h.
Section 10.14.2, "Custom
Current Limiting Behavior
Configuration - 51h"
Clarified description of CS_R2_IMIN[2:0].
Chapter 12, Typical
Operating Curves
Rearranged order of TOCs.
Added new TOCs:
— Figure 12.3, "Short Applied After Power Up"
— Figure 12.5, "Internal Power Switch Short Response"
— Figure 12.16, "Trip Current Limit Operation vs. Temp."
— Figure 12.17, "IBUS Measurement Accuracy"
— Figure 12.18, "Active State Current vs. Temp"
— Figure 12.19, "Detect State Current vs. Temp"
— Figure 12.20, "Sleep State Current vs. Temp"
Updated the following:
— Figure 12.6, "VBUS Discharge Behavior"
— Figure 12.11, "RDCP_RES Resistance vs.Temp"
— Figure 12.13, "VS Over-Voltage Threshold vs. Temp"
— Figure 12.14, "VS Under Voltage Threshold vs. Temp"
— Figure 12.15, "Detect State VBUS vs. IBUS"
Revision 1.1
(11-21-11)
Table 3.2, "Power
Dissipation Summary"
Missing units added.
Table 14.1 Customer Revision History (continued)
REVISION
LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com