Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-1 Datasheet(PDF) 115 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 115 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 108Page - Microchip Technology UCS1002-1 Datasheet HTML 109Page - Microchip Technology UCS1002-1 Datasheet HTML 110Page - Microchip Technology UCS1002-1 Datasheet HTML 111Page - Microchip Technology UCS1002-1 Datasheet HTML 112Page - Microchip Technology UCS1002-1 Datasheet HTML 113Page - Microchip Technology UCS1002-1 Datasheet HTML 114Page - Microchip Technology UCS1002-1 Datasheet HTML 115Page - Microchip Technology UCS1002-1 Datasheet HTML 116Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 115 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
115
Revision 1.4 (07-16-13)
DATASHEET
Table 3.3, "Electrical
Specifications"
Changed tDET_CHARGE from 400 ms to 800 ms typ and
changed condition from CBUS = 220 µF to CBUS = 500 µF
max.
VS Leakage Current changed from 0.8 µA typical to 2.2 µA.
Changed IBD_1 and IBD_2 from TBD typ to 0 µA typ and from
1.5 µA max to 2 µA max
Changed ITST to ITEST and changed typ from 165 to 190 mA.
Changed tON_PSW from 3 ms to 0.75 ms typical and
tOFF_PSW_INA from 1 ms to 0.75 ms typical.
Spec changed for tHD:DAT. 0 µs min has condition when
transmitting to master. New row added with 0.3 µs min with
condition when receiving from master.
New characteristic: Bus Free Time Stop to Start, Start Setup
Time, Hold Time, Setup Time, Clock Low Period, Clock High
Period
Data Fall Time -> Clock / Data Fall Time
Data Rise Time -> Clock / Data Rise Time
Table 3.4, "ESD
Ratings"Section 3.1
Charged Device Model: changed from 200 V to 500 V
Section 4.2.2
Differences between SMBus and I²C revised.
Note 5.1
Added note: In order to transition from Active state Data Pass-
through mode into Sleep with these settings, change the M1,
M2, and EM_EN pins before changing the PWR_EN pin.
Table 5.1, "Power States
Control Settings",
Section 5.1.2, "Sleep State
Operation",
Section 6.1, "USB High-
speed Data Switch"
The high-speed switch is open in Sleep.
Section 5.2.2, "VS Source
Voltage"
Added.
Section 4.2.4
New section I²C Protocols, covering sections Block Write and
Block Read moved from
Section 4.2.3.
Section 10.4.2, "Emulation
Configuration - 16h"
Added application note regarding EM_TIMEOUT_DIS: If the
EM_TIMEOUT_DIS bit is set and the Legacy 1, Legacy 3, or
Custom charger emulation profiles were accepted during the
DCE cycle, a removal is not detected. To avoid this issue, re-
enable the timeout after applying any test profiles and
charging with the 'final' profile.
Section 10.13.1, "Custom
Emulation Configuration -
40h"
Added application note regarding CS1_TIMEOUT_DIS: If the
CS1_TIMEOUT_DIS bit is set and the Custom charger
emulation profile was accepted during the DCE cycle, a
removal is not detected. To avoid this issue, re-enable the
timeout after applying any test profiles and charging with the
'final' profile.
Cover, Section 9.11.3,
"Legacy 1, 3, 4, and 6
Charger Emulation Profiles"
Legacy 6 profile has been defined.
Section 10.11.3, "Legacy
Emulation Timeout Config 2
- 24h"
Register 24h default changed from 00h to 04h (Legacy 6
timeout 1.6 s).
Table 14.1 Customer Revision History (continued)
REVISION
LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com