Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 52 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 52 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 48Page - STMicroelectronics S2-LP Datasheet HTML 49Page - STMicroelectronics S2-LP Datasheet HTML 50Page - STMicroelectronics S2-LP Datasheet HTML 51Page - STMicroelectronics S2-LP Datasheet HTML 52Page - STMicroelectronics S2-LP Datasheet HTML 53Page - STMicroelectronics S2-LP Datasheet HTML 54Page - STMicroelectronics S2-LP Datasheet HTML 55Page - STMicroelectronics S2-LP Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 90 page
background image
Packet handler engine
S2-LP
52/90
DocID029944 Rev 1
word is programmable through registers SYNCx (x= 1, 2, 3, 4). The binary content of
the secondary SYNC word is programmable through registers SEC_SYNCx (x= 1, 2,
3, 4), note that such registers are in alternate use with address filtering registers. On
the transmitter side either the primary or the secondary word is transmitted according
to the value of the SECONDARY_SYNC_SEL register, in particular if
SECONDARY_SYNC_SEL = 0 then the primary synchronization word is transmitted;
if SECONDARY_SYNC_SEL = 1 then the secondary synchronization word is
transmitted. On the receiver side, the primary synchronization word is always enabled.
The search for the secondary synchronization word can be enabled setting
SECONDARY_SYNC_SEL = 1b. In this case, both the binary patterns are searched
for and both of them can trigger the start of payload demodulation. The SQI[5:0] value
reported in the LINQ_QUALIF register is the maximum between the SQI of the primary
and secondary words. The bit SQI[6] indicates which synchronization word has been
detected: in particular, if the secondary synchronization word has been detected then
the SQI[6] = 1b otherwise if the primary synchronization word has been detected then
SQI[6] = 0b. The binary pattern programmed in SYNCx (or SEC_SYNCx) is
transmitted on air starting with the most significant bit of x = 1, to the least significant
bit of x = 4 according to the programmed synchronization word length.
Length: The device supports both fixed and variable packet length transmission from
0 to 65535 bytes. On the transmitting device, the packet length is always set by using
the two registers PCKTLENx (x= 1, 2) as: PCKTLEN1 × 256 + PCKTLEN0. On the
receiving device, if FIX_VAR_LEN register is set to ‘1’, the packet length is directly
extracted from the field Length of the received packet itself. If the register
FIX_VAR_LEN = 0b the Length field of the received packet is not used, because is
already known from the registers PCKTLENx (x= 1, 2) as for the transmitter.
Furthermore, when variable packet length is used (FIX_VAR_LEN=1b), the width of
the binary field transmitted, must be configured through the LEN_WID register in the
following way:
If the packet length is from 0 to 255 bytes (payload + address field), then
LEN_WID = 0b (1 byte length field transmitted).
If the packet length is from 0 to 65535 bytes (payload + address field), then
LEN_WID = 1b (2 bytes length field transmitted).
Destination address: can be enabled or no by the register ADDRESS_LEN. If
enabled, ADDRESS_LEN=1b, its size is 1 byte. The destination address field is read
from the register RX_SOURCE_ADDR (TX only). The receiver uses this field to
perform automatic filtering on its value programmed in RX_SOURCE_ADDR (RX
only).
Payload: the main data from transmitter with a max length up to 65535 supported by
the embedded automatic packet handler.
CRC: can optionally be calculated on the transmitted data (Length field, Address field
and Payload) and appended at the end of the payload (see Section 7.9: "CRC").
Postamble
: The packet postamble allows inserting a certain number of ‘01’ bit pairs at
the end of the data packet. The number of postamble bit pairs can be set through the
MBUS_PSTMBL register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com