Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 8 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 4Page - STMicroelectronics S2-LP Datasheet HTML 5Page - STMicroelectronics S2-LP Datasheet HTML 6Page - STMicroelectronics S2-LP Datasheet HTML 7Page - STMicroelectronics S2-LP Datasheet HTML 8Page - STMicroelectronics S2-LP Datasheet HTML 9Page - STMicroelectronics S2-LP Datasheet HTML 10Page - STMicroelectronics S2-LP Datasheet HTML 11Page - STMicroelectronics S2-LP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
Description
S2-LP
8/90
DocID029944 Rev 1
1
Description
The S2-LP is a high performance ultra-low power RF transceiver, intended for RF wireless
applications in the sub-1 GHz band. It is designed to operate in both the license-free ISM
and SRD frequency bands at 433, 868 and 920 MHz, but can also be programmed to
operate at other additional frequencies in the 430-470 MHz, 860-940 MHz bands.
The S2-LP supports different modulation schemes: 2(G)FSK, 4(G)FSK, OOK and ASK.
The air data rate is programmable from 0.3 to 500 kbps.
The S2-LP can be used in systems with channel spacing of 12.5/25 kHz enabling the
narrow band operations.
The S2-LP shows an RF link budget higher than 140 dB for long communication ranges
and meets the regulatory requirements applicable in territories worldwide, including
Europe, Japan, China and the USA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com