Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 16 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 16 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 12Page - STMicroelectronics S2-LP Datasheet HTML 13Page - STMicroelectronics S2-LP Datasheet HTML 14Page - STMicroelectronics S2-LP Datasheet HTML 15Page - STMicroelectronics S2-LP Datasheet HTML 16Page - STMicroelectronics S2-LP Datasheet HTML 17Page - STMicroelectronics S2-LP Datasheet HTML 18Page - STMicroelectronics S2-LP Datasheet HTML 19Page - STMicroelectronics S2-LP Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 90 page
background image
Specifications
S2-LP
16/90
DocID029944 Rev 1
4.4
Power consumption
Characteristics measured over recommended operating conditions unless otherwise
specified. Typical values are referred to 25 °C temperature, VBAT = 3.0 V. All performance
is referred to a 50
Ω antenna connector.
Table 7: Low-power states power consumption
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current
Shutdown
-
2.5
-
nA
Standby
350
Sleep
600
Sleep (FIFOs retained)
0.9
µA
Ready
350
Table 8: Power consumption in reception TA = 25°C, VDD = 3.0 V, fc = 868 MHz
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current
RX @ sensitivity level
8
mA
RX in sniff mode @ 1.2 kbps(1)
0.9
RX in sniff mode @ 38.4 kbps(2)
0.8
RX in LDC mode @ 1.2 kbps(3)
-
21
-
µA
RX in LDC mode @ 38.4 kbps(4)
3
Notes:
(1)Using 2-FSK 2.4 kHz DEV, DR=1.2 kbps, 4 bytes preamble and 8kHz ch. filter. Where the receiver wakes up at
regular intervals to look for an incoming packet.
(2)Using 2-FSK 20 kHz DEV, DR=38.4 kbps, 24 bytes preamble and 100kHz ch. filter. Where the receiver wakes
up at regular intervals to look for an incoming packet.
(3)Check for data packet every 1 second in LDC mode. 2-FSK 1.2 kHz DEV and 8kHz ch. filter, DR=1.2 kbps,
internal RC oscillator used as sleep timer. Sniff timer enabled.
(4)Check for data packet every 1 second in LDC mode. 2-FSK 20 kHz DEV, DR=38.4 kbps and 100 kHz ch. filter,
internal 34.6 kHz RC oscillator used as sleep timer. Sniff timer enabled.
Table 9: Power consumption in transmission fc= 920 MHz
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current
TX CW @ 14 dBm
20.6
mA
TX CW @ 10 dBm
11.7
TX CW @ 16 dBm in Boost(1)
27
Notes:
(1)SMPS output voltage 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com