Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 62 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 62 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 58Page - STMicroelectronics S2-LP Datasheet HTML 59Page - STMicroelectronics S2-LP Datasheet HTML 60Page - STMicroelectronics S2-LP Datasheet HTML 61Page - STMicroelectronics S2-LP Datasheet HTML 62Page - STMicroelectronics S2-LP Datasheet HTML 63Page - STMicroelectronics S2-LP Datasheet HTML 64Page - STMicroelectronics S2-LP Datasheet HTML 65Page - STMicroelectronics S2-LP Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 90 page
background image
Link layer protocol
S2-LP
62/90
DocID029944 Rev 1
8.1.1
Automatic acknowledgment with piggybacking
The receiver can fill the ACK packet with data. The mode piggybacking must be set and the
TX FIFO must be filled with the payload to transmit.
When the transmitter uses the piggybacking to fill the ACK packet, a further automatic
acknowledgment and/or retransmission are not explicitly supported. The transmitter, can
determine if its piggybacked packet was received or not by the fact that the initiator will
retransmit the original packet or not. Simply stated:
If the receiver does not retransmit its packet, it means that he has correctly received
the acknowledgment, hence the piggybacked packet, so everything is fine.
If the initiator retransmits its packet, then the destination shall re-acknowledge it and
just resend the piggyback packet again.
8.1.2
Automatic retransmission
If the transmitter does not receive the requested ACK packet, it can be configured to do
other transmissions. The maximum number of transmission configurable is 16 and it is
specified in the register NMAX_RETX (allowed value are from 0 to 15, setting it to ‘0’
disables the feature). The current number of TX attempts is readable in the N_RETX
register. At the end of the automatic retransmission procedure, the register N_RETX will
contain the effective number of attempts done (NMAX_RETX + 1 at most, in this case the
interrupt “Max Re-TX reached” is generated and the TX FIFO is not cleared, it will be
responsibility of the MCU decides to flush the TX FIFO or not).
The TX FIFO does not need to be filled again for the retransmission, but must be loaded
with a single write FIFO operation.
If the automatic retransmission is enabled (transmitter side), the RX command is not
supported and must not be used.
In Figure 12: "Automatic retransmission scenario" a possible scenario is shown:
1.
The receiver does not fulfill the ack request of the first transmission because does not
receive the packet.
2.
The transmitter send again the packet, but in this case is the ack packet to be lost. So,
the communication fails again.
3.
The transmitter send again the packet and receive the ack packet. The communication
is working correctly this time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com