Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 2 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 2 Page - STMicroelectronics

  S2-LP Datasheet HTML 1Page - STMicroelectronics S2-LP Datasheet HTML 2Page - STMicroelectronics S2-LP Datasheet HTML 3Page - STMicroelectronics S2-LP Datasheet HTML 4Page - STMicroelectronics S2-LP Datasheet HTML 5Page - STMicroelectronics S2-LP Datasheet HTML 6Page - STMicroelectronics S2-LP Datasheet HTML 7Page - STMicroelectronics S2-LP Datasheet HTML 8Page - STMicroelectronics S2-LP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
Contents
S2-LP
2/90
DocID029944 Rev 1
Contents
1
Description....................................................................................... 8
2
Detailed functional description ...................................................... 9
3
Typical application diagram and pin description........................ 11
3.1
Pin diagram ..................................................................................... 13
3.2
Pin description................................................................................. 13
4
Specifications ................................................................................ 15
4.1
Absolute maximum ratings .............................................................. 15
4.2
Operating range .............................................................................. 15
4.3
Thermal properties .......................................................................... 15
4.4
Power consumption......................................................................... 16
4.5
General characterization ................................................................. 17
4.6
Frequency synthesizer .................................................................... 18
4.7
Crystal oscillator.............................................................................. 18
4.8
RF receiver...................................................................................... 19
4.8.1
Blocking and selectivity at 433 MHz ................................................. 20
4.8.2
Sensitivity at 433 MHz ...................................................................... 21
4.8.3
Blocking and selectivity at 868 MHz ................................................. 21
4.8.4
Sensitivity at 868 MHz ...................................................................... 22
4.8.5
Blocking and selectivity at 920 MHz ................................................. 22
4.8.6
Sensitivity at 920 MHz ...................................................................... 23
4.9
RF transmitter ................................................................................. 23
4.9.1
Harmonic emission at 433 MHz ....................................................... 24
4.9.2
Harmonic emission at 868 MHz ....................................................... 24
4.9.3
Harmonic emission at 915 MHz ....................................................... 25
4.10
Digital interface specification........................................................... 25
4.11
Battery indicator .............................................................................. 26
5
Block description .......................................................................... 27
5.1
Power management ........................................................................ 27
5.2
Power On Reset.............................................................................. 28
5.3
RF synthesizer ................................................................................ 29
5.3.1
RF channel frequency settings ......................................................... 30
5.4
Digital modulator ............................................................................. 31
5.4.1
Frequency modulation ...................................................................... 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com