Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 28 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 28 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 24Page - STMicroelectronics S2-LP Datasheet HTML 25Page - STMicroelectronics S2-LP Datasheet HTML 26Page - STMicroelectronics S2-LP Datasheet HTML 27Page - STMicroelectronics S2-LP Datasheet HTML 28Page - STMicroelectronics S2-LP Datasheet HTML 29Page - STMicroelectronics S2-LP Datasheet HTML 30Page - STMicroelectronics S2-LP Datasheet HTML 31Page - STMicroelectronics S2-LP Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
Block description
S2-LP
28/90
DocID029944 Rev 1
If the KRM_EN is 1, the SMPS' switching frequency can be set by the KRM word according
to the formula:
Equation 2
������������ = ������������
����������������
215
As
���������������� is the digital domain frequency (������������ if it is 24, 25 or 26 MHz) and (
������������
2
if
������������ is 48, 50
or 52 MHz).
The isolation target is reached by using, for each critical block, a dedicated linear Low-
Dropout Regulator (LDO), which provides typically 1.2 V output voltage, either from battery
level or from SMPS level, depending from the operating mode.
5.2
Power On Reset
The Power On Reset (POR) circuit generates a reset pulse upon power-up which is used to
initialize the entire digital logic. Power-on-reset senses VBAT voltage.
The S2-LP provides an automatic POR circuit, which generates an internal RESETN
(active low) level for a time TRESET. After the VBAT reaches the reset voltage threshold VRRT,
as shown in Figure 5: "Power on reset timing and limits". The same reset pulse is
generated after a step-down on the input pin SDN (VDD>VRRT). This signal will be available
on the GPIO0 pin.
Figure 5: Power on reset timing and limits
At RESET, all the registers are at their default values. A software command SRES allows
to generate an internal RESET of the S2-LP.
Table 33: POR parameters
Parameter
Typ.
Unit
Reset startup threshold voltage
0.5
V
Reset pulse width
0.7
ms
Power on VDD slope
2.0
V/ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com