Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 46 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 46 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 42Page - STMicroelectronics S2-LP Datasheet HTML 43Page - STMicroelectronics S2-LP Datasheet HTML 44Page - STMicroelectronics S2-LP Datasheet HTML 45Page - STMicroelectronics S2-LP Datasheet HTML 46Page - STMicroelectronics S2-LP Datasheet HTML 47Page - STMicroelectronics S2-LP Datasheet HTML 48Page - STMicroelectronics S2-LP Datasheet HTML 49Page - STMicroelectronics S2-LP Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 90 page
background image
Block description
S2-LP
46/90
DocID029944 Rev 1
The S2-LP is capable of automatically retransmitting the last packet that was stored into
the FIFO (if NMAX_RETX > 0 in the PROTOCOL register and no new packet is loaded into
the TX FIFO between successive re-
transmissions). This feature is useful for “beacon”
transmission or when retransmission is required due to absence of a valid
acknowledgement. Only packets that fit completely in the TX FIFO are valid for the
retransmit feature. When the packet is longer than 128 bytes, the FIFO content after the
transmission is only the last part of the payload. In this case, the FIFO must be reloaded by
the MCU.
The TX FIFO may be flushed by issuing a FLUSHTXFIFO command (see Table 46:
"Commands"). Similarly, a FLUSHRXFIFO command will flush the RX FIFO.
The full / empty status of the TX / RX FIFO is readable on the bits [9:8] of the MC_STATE
registers, and at the same time, the related IRQs will be generated.
In the SLEEP state, the FIFO content is retained only if the SLEEP_B mode is selected (bit
SLEEP_MODE_SEL=1 in the register 0x79).
5.7
Integrated RCO
The S2-LP contains an ultra-low power RC oscillator with accuracy better than 1%. The RC
oscillator frequency is calibrated using as a reference the XO frequency. It depends on two
values: raw (4 bits) and fine (5 bits). The raw value is obtained by a linear search algorithm
in which for each value a counting of half clock reference inside the period of RCO is done.
When the correction is near to the final value, a dichotomy search algorithm.
The RCO calibration starts as soon as the RCO_CALIBRATION bit is set to 1. When it
finishes, the RC_CAL_OK bit is set and the ERROR_LOCK bit is reset.
Moreover, if the RCO_CALIBRATION bit is kept to 1, the device will redo the RCO
calibration as soon a SLEEP command is performed. When the RC CAL OK is set, the
device will switch to the SLEEP state.
It is possible to perform an offline calibration of the RCO using the following procedure:
1.
Enable the RCO CALIB setting the bit to 1
2.
Wait until the RC_CAL_OK becomes 1
3.
Copy the RWT_OUT and RFB_OUT (registers 0x94 and 0x95) out values in the
RWT_IN and RFB_IN fields (registers 0x6E and 0x6F).
4.
Disable the RCO CALIB setting the bit to 0
In this way, the RCO will work with these values. It is advisable to repeat the RCO
calibration to reject effects related to the variation of temperature. It is recommended to use
this procedure if the following SLEEP time (i.e. when using LDC mode) is shorter or
comparable to the calibration time.
By default, the calibration is disabled at reset to avoid using an out-of-range reference
frequency, after the internal clock divider is correctly configured, the user can enable the
RCO calibration by register.
Once calibrated, the RCO generates a clock frequency that depends on the XO frequency
used:
Table 44: RCO Frequency
Ref. Frequency [MHz]
RCO frequency [kHz]
24 or 48
32
25 or 50
33.33
26 or 52
34.66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com