Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 37 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 37 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 33Page - STMicroelectronics S2-LP Datasheet HTML 34Page - STMicroelectronics S2-LP Datasheet HTML 35Page - STMicroelectronics S2-LP Datasheet HTML 36Page - STMicroelectronics S2-LP Datasheet HTML 37Page - STMicroelectronics S2-LP Datasheet HTML 38Page - STMicroelectronics S2-LP Datasheet HTML 39Page - STMicroelectronics S2-LP Datasheet HTML 40Page - STMicroelectronics S2-LP Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 90 page
background image
S2-LP
Block description
DocID029944 Rev 1
37/90
AFC fast gain log2: this parameter sets the loop gain in the fast mode (AFC0 register),
the range allowed is 0..15.
AFC slow gain log2: this parameter sets the loop gain in the slow mode (AFC0
register), the range allowed is 0..15.
AFC fast period: this parameter sets the length of the fast period in number of samples
(AFC1 register), the range allowed is 0...255. The recommended setting for this
parameter is such that the fast period equals the preamble length. Since the algorithm
operates typically on 2 samples per symbol, the programmed value should be twice
the number of preamble symbols. If this parameter is set to 0 then the switching from
fast to slow mode is controlled by the sync word detection, for example the fast gain is
used before the sync detection, the slow gain is used after sync detection.
AFC peak detection leakage: this parameter sets the decay speed of the min/max
frequency peak detector (AFC2 register), the range allowed is 0...31 (0: no leakage,
31: high leakage). The recommended value for this parameter is 4.
AFC mode: this parameter sets the AFC correction mode (AFC2 register. 0b: slicer
correction, 1b: 2nd IF correction).
AFC enable: this parameter enables the AFC algorithm (AFC2 register).
AFC init mode: (AFC_INIT_MODE register) this parameter controls the initialization
phase of the AGC and clock recovery algorithms.
When AFC_init_mode = 0, the initial frequency error is estimated based on the
average of the frequency deviation of the first 4 received symbols after that the
RSSI has passed the threshold level.
When AFC_init_mode = 1, the initial frequency error is estimated based on the
max/min frequency deviation detected during the synchronization word and the
clock recovery algorithm is initialized based on the zero crossing points of the last
4 preamble symbols. This mode provides better performance in case of packet
formats with very short preamble.
5.5.2
Automatic gain control
The Automatic Gain Control (AGC for short) algorithm is designed to keep the signal
amplitude at the input of the IF ADC within a specific range by controlling the gain of the RF
chain in 6 dB steps, up to a maximum attenuation of 48 dB, starting at a received signal
power of about -50 dBm.
From an implementation point of view, the (peak) signal amplitude is measured in the
digital domain after the primary decimation filters chain and compared to a low threshold
and to a high threshold. If the amplitude is above the high threshold, the attenuation is
increased sequentially until the amplitude goes below the threshold; if the amplitude is
below the low threshold, the attenuation is decreased sequentially until the amplitude goes
above the threshold.
The AGC algorithm is controlled by the following parameters:
High threshold: this value sets the digital signal level above which the RF attenuation is
increased (AGCCTRL1 register, allowed values 0...15). The recommended setting for such
parameter is 0x5.
Low thresholds: this allows a better tuning of the low thresholds in case the analog
attenuation steps have a significant spread around the nominal 6 dB attenuation. The
threshold actually used for each step is selected through the bits of the
LOW_THRESHOLD_SEL (AGCCTRL3) register. The recommended setting for Low
Threshold 0 is 0x5, recommended setting for Low Threshold 1 is 0x4. The recommended
value for LOW_THRESHOLD_SEL is 0x10.
Measure time: this parameter sets the measurement interval during which the signal level
is monitored before the AGC attenuation is decreased. In particular, if the signal level is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com