Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 42 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 42 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 38Page - STMicroelectronics S2-LP Datasheet HTML 39Page - STMicroelectronics S2-LP Datasheet HTML 40Page - STMicroelectronics S2-LP Datasheet HTML 41Page - STMicroelectronics S2-LP Datasheet HTML 42Page - STMicroelectronics S2-LP Datasheet HTML 43Page - STMicroelectronics S2-LP Datasheet HTML 44Page - STMicroelectronics S2-LP Datasheet HTML 45Page - STMicroelectronics S2-LP Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 90 page
background image
Block description
S2-LP
42/90
DocID029944 Rev 1
while it is decreased by 4 every time a bit repetition occurs. If the PQI_EN = 1b, the running
peak PQI is compared to a threshold value and the preamble valid IRQ is asserted as soon
as the threshold is passed. The preamble quality indicator threshold is 4 x PQI_TH (with
PQI_TH = 0, 1, …15).
5.5.8.4
SQI
The synchronization quality indicator (SQI) is a measurement of the best correlation
between the received SYNC word and the expected one. This indicator is calculated as the
peak cross-correlation between the received data stream and the expected SYNC word. If
the SQI_EN = 1b, the running peak SQI is compared to a threshold value and the SYNC
valid IRQ is asserted as soon as the threshold is passed. The SYNC quality threshold is
equal to SYNC_LEN
– 2 x SQI_TH (with SQI_TH = 0, 1, …7). When SQI_TH = 0b, perfect
match is required. It is recommended the SQI check always enabled. The peak SQI value
can be read from the register SQI[5:0] and represents the peak value from 0 to 32, while
the bit SQI[6], when equal to ‘1’ indicates that the SQI peak value refers to the secondary
SYNC word.
5.5.9
CS blanking
The CS blanking feature prevents data to be received if the RSSI level on the air is below
the RSSI threshold (set by the RSSI_TH field). The feature can be enabled through the
CS_BLANKING bit in the ANT_SELECT_CONF register.
5.5.10
Antenna switching
The device implements a switching based antenna diversity algorithm. The antenna
switching function allows controlling an external switch in order to select the antenna
providing the highest measured RSSI. The switching decision is based on a comparison
between the received power level on antenna 1 and antenna 2 during the preamble
reception controlling through GPIO an external RF switch in order to select the antenna
providing the highest measured RSSI.
When antenna switching is enabled, the two antennas are repeatedly switched during the
reception of the preamble of each packet, until the carrier sense threshold is reached
(static CS mode must be used). From this point on, the antenna with highest power is
selected and switching is frozen. The switch control signal is available on GPIO and in the
MC_STATE[1] register.
The algorithm is controlled by the following parameters:
AS_MEAS_TIME: this register/parameter controls the time interval for RSSI
measurement. The actual measurement time is done with the following formula.
Equation - Antenna switching measurement time
�������������������� =
24 ∙ 2��������������������_���� ∙ 2��������_����������������_����������������
����������������
In case of FSK modulation, the whole
�������������������� is used to let the signal level settle after the
antenna switch and one single measurement is taken at the end of such period.
In case of OOK modulation, after one first interval equal to
�������������������� again used to let the
signal level settle after the antenna switch, one second interval still equal to
��������������������, is used
to perform a peak power measurement and select the best antenna.
AS_ENABLE: this parameter enables the antenna switching function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com