Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 22 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 22 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 18Page - STMicroelectronics S2-LP Datasheet HTML 19Page - STMicroelectronics S2-LP Datasheet HTML 20Page - STMicroelectronics S2-LP Datasheet HTML 21Page - STMicroelectronics S2-LP Datasheet HTML 22Page - STMicroelectronics S2-LP Datasheet HTML 23Page - STMicroelectronics S2-LP Datasheet HTML 24Page - STMicroelectronics S2-LP Datasheet HTML 25Page - STMicroelectronics S2-LP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 90 page
background image
Specifications
S2-LP
22/90
DocID029944 Rev 1
4.8.4
Sensitivity at 868 MHz
Table 21: Sensitivity at 868 MHz
Parameter
Test conditions
SMPS on
Unit
Sensitivity
1% BER @ 2-GFSK BT
= 0.5
DR = 0.3 kbps, FDEV = 0.25 kHz, CHF = 1 kHz
-129
dBm
DR = 1.2 kbps, FDEV = 1.2 kHz, CHF = 4 kHz
-123
DR = 38.4 kbps, FDEV = 20 kHz, CHF = 100 kHz
-110
DR = 100 kbps, FDEV = 50 kHz, CHF = 200 kHz
-107
Sensitivity
1% BER @ 4-GFSK BT
= 0.5
DR = 4.8 kbps, DEV = 2.4 kHz, CHF = 10 kHz
-115
dBm
DR = 9.6 kbps, DEV = 4.8 kHz, CHF = 20 kHz
-112
DR = 19.2 kbps, DEV = 9.6 kHz, CHF = 40 kHz
-110
Sensitivity
1% BER @ OOK
DR = 0.3 kbps, CHF = 1 kHz
-121
dBm
DR = 1.2 kbps, CHF = 4 kHz
-120
DR = 38.4 kbps, CHF = 100 kHz
-106
DR = 125 kbps, CHF = 250 kHz
-101
4.8.5
Blocking and selectivity at 920 MHz
Table 22: Blocking and selectivity at 920 MHz
Parameter
Test condition
SMPS on
Unit
Selectivity and blocking 1%
BER @ 2-GFSK BT=0.5 1.2 kHz FDEV, DR
= 1.2 kbps, CHF = 4 kHz
+12.5 kHz (adjacent channel)
58
dB
-12.5 kHz (adjacent channel)
58
+25 kHz (alternate channel)
59
-25 kHz (alternate channel)
59
Image rejection
59
±2 MHz
83
±10 MHz
84
Selectivity and blocking 1%
BER @ 2-GFSK BT=0.5 20 kHz FDEV, DR
= 38.4 kbps, CHF = 100 kHz
+100 kHz (adjacent channel)
43
dB
-100 kHz (adjacent channel)
43
+200 kHz (alternate channel)
45
-200 kHz (alternate channel)
45
Image rejection
48
±2 MHz
69
±10 MHz
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com