Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 84 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 84 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 80Page - STMicroelectronics S2-LP Datasheet HTML 81Page - STMicroelectronics S2-LP Datasheet HTML 82Page - STMicroelectronics S2-LP Datasheet HTML 83Page - STMicroelectronics S2-LP Datasheet HTML 84Page - STMicroelectronics S2-LP Datasheet HTML 85Page - STMicroelectronics S2-LP Datasheet HTML 86Page - STMicroelectronics S2-LP Datasheet HTML 87Page - STMicroelectronics S2-LP Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 90 page
background image
Register contents
S2-LP
84/90
DocID029944 Rev 1
Name
Addr
Default
Bit
Field name
Description
2
BYPASS_LDO
Set to 0 (default value)
1:0
RESERVED
-
PM_CONF0
79
42
7
RESERVED
-
6:4
SET_SMPS_LVL
SMPS output voltage:
000b: 1.1 V
001b: 1.2 V
010b: 1.3 V
011b: 1.4 V
100b: 1.5 V
101b: 1.6 V
110b: 1.7 V
111b: 1.8 V
3:1
RESERVED
-
0
SLEEP_MODE_SEL
0: SLEEP without FIFO retention (SLEEP A)
1: SLEEP with FIFO retention (SLEEP B).
MC_STATE1
8D
52
7:5
RESERVED
-
4
RCO_CAL_OK
RCO calibration successfully terminated.
3
ANT_SEL
Currently selected antenna.
2
TX_FIFO_FULL
1: TX FIFO is full.
1
RX_FIFO_EMPTY
1: RX FIFO is empty.
0
ERROR_LOCK
1: RCO calibrator error.
MC_STATE0
8E
07
7:1
STATE
Current state.
0
XO_ON
1: XO is operating.
TX_FIFO_STATUS
8F
00
7:0
NELEM_TXFIFO
Number of elements in TX FIFO.
RX_FIFO_STATUS
90
00
7:0
NELEM_RXFIFO
Number of elements in RX FIFO.
RCO_CALIBR_OUT4
94
70
7:4
RWT_OUT
RWT word from internal RCO calibrator.
3:0
RFB_OUT[4:1]
RFB word (MSB) from internal RCO calibrator.
RCO_CALIBR_OUT3
95
00
7
RFB_OUT[0]
RF word (LSB) from internal RCO calibrator.
6:0
RESERVED
-
VCO_CALIBR_OUT1
99
00
7:4
RESERVED
-
3:0
VCO_CAL_AMP_OUT
VCO magnitude calibration output word (binary coding
internally converted from thermometric coding).
VCO_CALIBROUT0
9A
00
7
RESERVED
-
6:0
VCO_CAL_FREQ_OUT
VCO Cbank frequency calibration output word (binary
coding internally converted from thermometric
coding).
TX_PCKT_INFO
9C
00
7:6
RESERVED
-
5:4
TX_SEQ_NUM
Current TX packet sequence number.
3:0
N_RETX
Number of re-transmissions done for the last TX
packet.
RX_PCKT_INFO
9D
00
7:3
RESERVED
-
2
NACK_RX
NACK field of the received packet.
1:0
RX_SEQ_NUM
Sequence number of the received packet.
AFC_CORR
9E
00
7:0
AFC_CORR
AFC corrected value.
LINK_QUALIF2
9F
00
7:0
PQI
PQI value of the received packet.
LINK_QUALIF1
A0
00
7
CS
Carrier Sense indication.
6:0
SQI
SQI value of the received packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com