Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 68 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 68 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 64Page - STMicroelectronics S2-LP Datasheet HTML 65Page - STMicroelectronics S2-LP Datasheet HTML 66Page - STMicroelectronics S2-LP Datasheet HTML 67Page - STMicroelectronics S2-LP Datasheet HTML 68Page - STMicroelectronics S2-LP Datasheet HTML 69Page - STMicroelectronics S2-LP Datasheet HTML 70Page - STMicroelectronics S2-LP Datasheet HTML 71Page - STMicroelectronics S2-LP Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 90 page
background image
Link layer protocol
S2-LP
68/90
DocID029944 Rev 1
programmable threshold. If the channel is busy, a back-off procedure may be activated to
repeat the process a certain number of times, until the channel is found to be idle. When
the limit is reached, an interrupt notifies that the channel has been repeatedly found busy
and so the transmission has not been performed. While in back-off, the S2-LP stays in
SLEEP state in order to reduce power consumption. CCA may optionally be persistent
continuing until the channel becomes idle or until the MCU stops it. The thinking behind
using this option is to give the MCU the possibility of managing the CCA by itself, for
instance, with the allocation of a transmission timer: this timer would start when MCU
finishes sending out data to be transmitted, and would end when MCU expects that its
transmission take place, which would occur after a period of CCA.
The overall CSMA/CA flowchart is shown in Figure 19: "Flowchart of the S2-LP CSMA
procedure", where Tcca and Tlisten are two of the parameters controlling the clear channel
assessment procedure. Design practice recommends that these parameters average the
channel energy over a certain period expressed as a multiple of the bit period (Tcca) and
repeat such measurement several times covering longer periods (Tlisten). The measurement
is performed directly by checking the carrier sense (CS) generated by the receiver module.
Figure 19: Flowchart of the S2-LP CSMA procedure
To avoid any wait synchronization between different channel contenders, which may cause
successive failing CCA operations, the back-off wait time is calculated randomly inside a
contention window. The back-off time BO is expressed as a multiple of back-off time units
(BU). The contention window is calculated on the basis of the binary exponential back-off
(BEB) technique, which doubles the size of the window at each back-off retry (stored in the
NB counter):
������������������������ = ���������������� ∗ (6 + rand(0: 2(��������+1)) ∗ (���������������������������� + 1))
During this time, the S2-LP is kept in the SLEEP state. If this CSMA mode is used, the user
must set the SLEEP_MODE_SEL bit to 1 in order to guarantee the FIFO retention during
the SLEEP phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com