Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 82 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 82 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 78Page - STMicroelectronics S2-LP Datasheet HTML 79Page - STMicroelectronics S2-LP Datasheet HTML 80Page - STMicroelectronics S2-LP Datasheet HTML 81Page - STMicroelectronics S2-LP Datasheet HTML 82Page - STMicroelectronics S2-LP Datasheet HTML 83Page - STMicroelectronics S2-LP Datasheet HTML 84Page - STMicroelectronics S2-LP Datasheet HTML 85Page - STMicroelectronics S2-LP Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 90 page
background image
Register contents
S2-LP
82/90
DocID029944 Rev 1
Name
Addr
Default
Bit
Field name
Description
6:0
PA_LEVEL8
Output power level for 8th slot.
PA_POWER7
5B
0C
7
RESERVED
-
6:0
PA_LEVEL_7
Output power level for 7th slot.
PA_POWER6
5C
18
7
RESERVED
-
6:0
PA_LEVEL_6
Output power level for 6th slot.
PA_POWER5
5D
24
7
RESERVED
-
6:0
PA_LEVEL_5
Output power level for 5th slot.
PA_POWER4
5E
30
7
RESERVED
-
6:0
PA_LEVEL_4
Output power level for 4th slot.
PA_POWER3
5F
48
7
RESERVED
-
6:0
PA_LEVEL_3
Output power level for 3rd slot.
PA_POWER2
60
60
7
RESERVED
-
6:0
PA_LEVEL_2
Output power level for 2nd slot.
PA_POWER1
61
00
7
RESERVED
-
6:0
PA_LEVEL_1
Output power level for 1st slot.
PA_POWER0
62
47
7
DIG_SMOOTH_EN
1: enable the generation of the internal signal
TX_DATA which is the input of the FIR. Needed when
FIR_EN=1.
6
PA_MAXDBM
1: configure the PA to send maximum output power.
5
PA_RAMP_EN
1: enable the power ramping
4:3
PA_RAMP_STEP_LEN
Set the step width (unit: 1/8 of bit period).
2:0
PA_LEVEL_MAX_IDX
Final level for power ramping or selected output
power index.
PA_CONFIG1
63
03
7:4
RESERVED
-
3:2
FIR_CFG
FIR configuration:
00b: filtering
01b: ramping
10b: switching (see Section 5.4.2.1)
1
FIR_EN
1: enable FIR (see Section 5.4.2.1)
0
RESERVED
-
PA_CONFIG0
64
8A
7:2
RESERVED
-
1:0
PA_FC
PA Bessel filter bandwidth:
00b: 12.5kHz (data rate 16.2kbps)
01b: 25kHz (data rate 32kbps)
10b: 50kHz (data rate 62.5kbps)
11b: 100kHz (data rate 125kbps) see Section
5.4.2.1
SYNTH_CONFIG2
65
D0
7:3
RESERVED
-
2
PLL_PFD_SPLIT_EN
Enables increased DN current pulses to improve
linearization of CP/PFD (see Table 34).
1:0
RESERVED
-
VCO_CONFIG
68
03
7:6
RESERVED
-
5
VCO_CALAMP_EXT_SEL
1 → VCO amplitude calibration will be skipped
(external amplitude word forced on VCO).
4
VCO_CALFREQ_EXT_SEL
1 → VCO frequency calibration will be skipped
(external amplitude word forced on VCO).
3:0
RESERVED
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com