Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 56 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 56 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 52Page - STMicroelectronics S2-LP Datasheet HTML 53Page - STMicroelectronics S2-LP Datasheet HTML 54Page - STMicroelectronics S2-LP Datasheet HTML 55Page - STMicroelectronics S2-LP Datasheet HTML 56Page - STMicroelectronics S2-LP Datasheet HTML 57Page - STMicroelectronics S2-LP Datasheet HTML 58Page - STMicroelectronics S2-LP Datasheet HTML 59Page - STMicroelectronics S2-LP Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 90 page
background image
Packet handler engine
S2-LP
56/90
DocID029944 Rev 1
When this format is selected, a start bit and a stop bit can be programmed to be added to
each byte of the TX FIFO. Such start and stop bits are automatically removed from the
received payload before written to the RX FIFO. Start and stop bits are not added to the
SYNC word.
Also, the BYTE_SWAP bit can be set in order to send the FIFO bytes in LSbit first (default
is indeed MSbit first).
The actual binary value of the start and stop bit can be set through the START_BIT and the
STOP_BIT fields of the PCKTCTRL2 register.
7.5
Wireless MBUS packet (W-MBUS, EN13757-4)
The W-MBUS packet structure referred to EN13757 can be obtained through registers
setting programming the Basic packet to fit the specific sub-mode used.
Preamble
Sync
1st block
2nd block
Opt. blocks
Postamble
Preamble: the preamble is fully programmable to fit the W-MBUS protocol. The generic
setting is a pair of ‘01’ or ‘10’ from 1 pair to 1024 pairs (max 256 bytes).
Sync: the pattern that identify the start of the frame is fully programmable to fit the W-
MBUS protocol. The generic setting is in value with a programmable length from 1 bit to 64
bytes, in steps of 1-bit length.
Data blocks: the data coding can be fully programmed in NRZ, Manchester or 3-out-of-6.
Postamble
: The packet postamble allows inserting a certain number of ‘01’ bit pairs at the
end of the data packet. The number of postamble bit pairs can be set through the
MBUS_PSTMBL register depending on the chosen sub-mode according to the W-MBUS
protocol.
7.6
Payload transmission order
The bit order of the data from TX FIFO and written into the RX FIFO is controlled by the
BYTE_SWAP register. In particular, the transmission is MSB first if BYTE_SWAP = 0 and
LSB first if BYTE_SWAP = 1.
7.7
Automatic packet filtering
The receiver uses the following filtering criteria to reject the received packet. The automatic
filtering is supported in BASIC and STack packet format only.
CRC: the received packet is discarded if CRC check fails. Both transmitter and
receiver must be configured with same CRC polynomial.
Destination address vs my address: the received packet is discarded if the
destination address field received does not match the programmed my address of the
receiver.
Destination address vs. broadcast address: the received packet is discarded if the
destination address field received does not match the programmed broadcast address
of the receiver.
Destination address vs. multicast address: the received packet is discarded if the
destination address field received does not match the programmed multicast address
of the receiver.
Source address: the received packet is discarded if the source address received
does not match the programmed source address reference (a bit mask can be
included). Supported in STack packet format only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com