Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 17 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 13Page - STMicroelectronics S2-LP Datasheet HTML 14Page - STMicroelectronics S2-LP Datasheet HTML 15Page - STMicroelectronics S2-LP Datasheet HTML 16Page - STMicroelectronics S2-LP Datasheet HTML 17Page - STMicroelectronics S2-LP Datasheet HTML 18Page - STMicroelectronics S2-LP Datasheet HTML 19Page - STMicroelectronics S2-LP Datasheet HTML 20Page - STMicroelectronics S2-LP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 90 page
background image
S2-LP
Specifications
DocID029944 Rev 1
17/90
Table 10: Power consumption in transmission fc= 868 MHz
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current
TX CW @ 14 dBm
19
mA
TX CW @ 10 dBm
10.7
TX CW @ 16 dBm in Boost(1)
25
Notes:
(1)SMPS output voltage 1.8 V
Table 11: Power consumption in transmission fc= 434 MHz
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current
TX CW @ 14 dBm
19
mA
TX CW @ 10 dBm
10.2
4.5
General characterization
Table 12: General characteristics
Parameter
Typ.
Unit
Frequency range
430 - 470
MHz
860 - 940
Data rate DR
2-(G)FSK
0.3 - 250
kbps
4-(G)FSK
0.6 - 500
OOK/ASK
0.3 -125
Data rate accuracy
±100
ppm
Frequency deviation FDEV
0.15 - 500
kHz
If "Manchester" or "3-out-of-6" or FEC coding options are enabled the actual bit rate is
affected as follows
Table 13: Data rate with different coding options
Coding option
4(G)FSK Data rate [kbps]
NRZ
500
FEC
250
Manchester
250
3-out-of-6
333.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com