Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 48 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 48 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 44Page - STMicroelectronics S2-LP Datasheet HTML 45Page - STMicroelectronics S2-LP Datasheet HTML 46Page - STMicroelectronics S2-LP Datasheet HTML 47Page - STMicroelectronics S2-LP Datasheet HTML 48Page - STMicroelectronics S2-LP Datasheet HTML 49Page - STMicroelectronics S2-LP Datasheet HTML 50Page - STMicroelectronics S2-LP Datasheet HTML 51Page - STMicroelectronics S2-LP Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 90 page
background image
Operating modes
S2-LP
48/90
DocID029944 Rev 1
6
Operating modes
The S2-LP is provided with a built-in main controller which controls the switching between
the two main operating modes: transmitter (TX) and receiver (RX), driven by SPI
commands.
In shutdown condition (the S2-LP can be switched on/off with the external pin SDN), no
internal supply is generated, and all stored data and configurations are lost.
From shutdown, the S2-LP can be switched on going to READY state, where the reference
clock signal is available.
From READY state, the S2-LP can be moved to LOCK state to generate the high precision
LO signal and then in TX or RX modes. Switching from RX to TX and vice versa can
happen only by passing through the LOCK state. This operation is managed by the main
controller through a single user command (TX or RX). At the end of the operations, the S2-
LP can return to READY state or can go to SLEEP state, having a very low power
consumption.
SLEEP state can be configured to retain the FIFOs content or not enabling very low power
mode. If also no wake up timer is required, the S2-LP can be moved from READY to
STANDBY state, which has the lowest possible current consumption.
Figure 9: State diagram
Three states: READY, STANDBY and LOCK may be defined as stable state.
All other states are transient, which means that, in a typical configuration, the controller
remains in those states, at most for any timeout timer duration. Also the READY and LOCK
states behave as transients when they are not directly accessed with the specific
commands (for example, when LOCK is temporarily used before reaching the TX or RX
states).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com