Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 81 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 81 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 77Page - STMicroelectronics S2-LP Datasheet HTML 78Page - STMicroelectronics S2-LP Datasheet HTML 79Page - STMicroelectronics S2-LP Datasheet HTML 80Page - STMicroelectronics S2-LP Datasheet HTML 81Page - STMicroelectronics S2-LP Datasheet HTML 82Page - STMicroelectronics S2-LP Datasheet HTML 83Page - STMicroelectronics S2-LP Datasheet HTML 84Page - STMicroelectronics S2-LP Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 90 page
background image
S2-LP
Register contents
DocID029944 Rev 1
81/90
Name
Addr
Default
Bit
Field name
Description
6:0
TX_AETHR
Set the TX FIFO almost empty threshold.
PCKT_FLT_OPTIONS
40
40
7
RESERVED
-
6
RX_TIMEOUT_AND_OR_SEL
Logical Boolean function applied to CS/SQI/PQI
values: 1: OR, 0: AND.
5
RESERVED
-
4
SOURCE_ADDR_FLT
1: RX packet accepted if its source field matches with
RX_SOURCE_ADDR register
3
DEST_VS_BROADCAST_ADDR
1: RX packet accepted if its source field matches with
BROADCAST_ADDR register.
2
DEST_VS_MULTICAST_ADDR
1: RX packet accepted if its destination address
matches with MULTICAST_ADDR register.
1
DEST_VS_SOURCE_ADDR
1: RX packet accepted if its destination address
matches with RX_SOURCE_ADDR register.
0
CRC_FLT
1: packet discarded if CRC is not valid.
PCKT_FLT_GOALS4
41
00
7:0
RX_SOURCE_MASK
Mask register for source address filtering.
PCKT_FLT_GOALS3
42
00
7:0
RX_SOURCE_ADDR/DUAL_SYNC3
If dual sync mode enabled: dual SYNC word byte 3,
Otherwise RX packet source or TX packet destination
field.
PCKT_FLT_GOALS2
43
00
7:0
BROADCAST_ADDR/DUAL_SYNC2
If dual sync mode enabled: dual SYNC word byte 2,
Broadcast address.
PCKT_FLT_GOALS1
44
00
7:0
MULTICAST_ADDR/DUAL_SYNC1
If dual sync mode enabled: dual SYNC word byte 1,
Multicast address.
PCKT_FLT_GOALS0
45
00
7:0
TX_SOURCE_ADDR/DUAL_SYNC0
If dual sync mode enabled: dual SYNC word byte 0,
Tx packet source or RX packet destination field.
TIMERS5
46
01
7:0
RX_TIMER_CNTR
Counter for RX timer.
TIMERS4
47
00
7:0
RX_TIMER_PRESC
Prescaler for RX timer.
TIMERS3
48
01
7:0
LDC_TIMER_PRESC
Prescaler for wake up timer.
TIMERS2
49
00
7:0
LDC_TIMER_CNTR
Counter for wake up timer.
TIMERS1
4A
01
7:0
LDC_RELOAD_PRSC
Prescaler value for reload operation of wake up timer.
TIMERS0
4B
00
7:0
LDC_RELOAD_CNTR
Counter value for reload operation of wake up timer.
CSMA_CONF3
4C
4C
7:0
BU_CNTR_SEED[14:8]
MSB part of the seed for the random generator used
to apply the CSMA algorithm.
CSMA_CONF2
4D
00
7:0
BU_CNTR_SEED[7:0]
LSB part of the seed for the random generator used to
apply the CSMA algorithm.
CSMA_CONF1
4E
04
7:2
BU_PRSC
Prescaler value for the back-off unit BU.
1:0
CCA_PERIOD
Multiplier for the Tcca timer.
CSMA_CONF0
4F
00
7:4
CCA_LEN
The number of time in which the listen operation is
performed.
3
RESERVED
-
2:0
NBACKOFF_MAX
Max number of back-off cycles.
IRQ_MASK3
50
00
7:0
INT_MASK[31:24]
Enable the routing of the interrupt flag on the
configured IRQ GPIO.
IRQ_MASK2
51
00
7:0
INT_MASK[23:16]
Enable the routing of the interrupt flag on the
configured IRQ GPIO.
IRQ_MASK1
52
00
7:0
INT_MASK[15:8]
Enable the routing of the interrupt flag on the
configured IRQ GPIO.
IRQ_MASK0
53
00
7:0
INT_MASK[7:0]
Enable the routing of the interrupt flag on the
configured IRQ GPIO.
FAST_RX_TIMER
54
28
7:0
RSSI_SETTLING_LIMIT
Sniff timer configuration.
PA_POWER8
5A
01
7
RESERVED
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com