Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 69 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 69 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 65Page - STMicroelectronics S2-LP Datasheet HTML 66Page - STMicroelectronics S2-LP Datasheet HTML 67Page - STMicroelectronics S2-LP Datasheet HTML 68Page - STMicroelectronics S2-LP Datasheet HTML 69Page - STMicroelectronics S2-LP Datasheet HTML 70Page - STMicroelectronics S2-LP Datasheet HTML 71Page - STMicroelectronics S2-LP Datasheet HTML 72Page - STMicroelectronics S2-LP Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 90 page
background image
S2-LP
Link layer protocol
DocID029944 Rev 1
69/90
The CSMA procedure is controlled by the following parameters:
CSMA_ON: enable/disable the CSMA procedure, this bit will be checked at each packet
transmission.
CSMA_PERS_ON: makes the carrier sense persistent that means the channel is
continuously monitored until it becomes free again, skipping the back-off waiting steps. The
MCU can stop the procedure with a SABORT command.
CCA_PERIOD: code that programs the Tcca time (expressed as multiple of Tbit samples)
between two successive CS samplings, as follows:
00b: 64xTbit
01b: 128xTbit
10b: 256xTbit
11b: 512xTbit.
NUM._OF_CCA_PERIOD: configuration of Tlisten = [1..15] x Tcca.
SEED_RELOAD: enable/disable the reload of the seed used by the back-off random
generator at the start of each CSMA procedure (at the time when the counter is reset, for
example NB=0). If this functionality is not enabled, the seed is automatically generated and
updated by the generator circuit itself.
BU_COUNTER_SEED_MSByte/LSByte: these bytes are used to set the seed of the
pseudo-random number generator when the CSMA cycle starts, if the SEED_RELOAD bit
is enabled. Value 0 is not allowed, because the pseudo-random generator is not working in
that case.
BU_PRESCALER: PRESCALER which is used to configure the back-off time unit
BU=BU_PRESCALER.
NBACKOFF_MAX: max number of back-off cycles.
Below the timelines of the main cases of transmission with CSMA.
If the channel is free, no matters the value of the persistent_mode bit, the device must
assert channel free for a number of NUM._OF_CCA_PERIOD (T. listen) before
transmitting:
Figure 20: CSMA if channel is free (timeline)
If the channel is busy and persistent_mode bit is 1, the device will check the channel
continuously in Tcca periods.
When the channel becomes free, it must assert channel free for a number of
NUM._OF_CCA_PERIOD (T. listen) before transmitting:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com