Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 77 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 77 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 73Page - STMicroelectronics S2-LP Datasheet HTML 74Page - STMicroelectronics S2-LP Datasheet HTML 75Page - STMicroelectronics S2-LP Datasheet HTML 76Page - STMicroelectronics S2-LP Datasheet HTML 77Page - STMicroelectronics S2-LP Datasheet HTML 78Page - STMicroelectronics S2-LP Datasheet HTML 79Page - STMicroelectronics S2-LP Datasheet HTML 80Page - STMicroelectronics S2-LP Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 90 page
background image
S2-LP
Register contents
DocID029944 Rev 1
77/90
Name
Addr
Default
Bit
Field name
Description
CHNUM
0D
00
7:0
CH_NUM
Channel number. This value is multiplied by the
channel spacing and added to the synthesizer base
frequency to generate the actual RF carrier frequency
(see Equation 3).
MOD4
0E
83
7:0
DATARATE_M[15:8]
The MSB of the mantissa value of the data rate
equation (see Equation 10).
MOD3
0F
2B
7:0
DATARATE_M[7:0]
The LSB of the mantissa value of the data rate
equation (see Equation 10).
MOD2
10
77
7:4
MOD_TYPE
Modulation type:
0: 2-FSK
1: 4-FSK
2: 2-GFSK BT=1
3: 4-GFSK BT=1
5: ASK/OOK
7: unmodulated
10: 2-GFSK BT=0.5
12: 4-GFSK BT=0.5
3:0
DATARATE_E
The exponent value of the data rate equation (see
Equation 10).
MOD1
11
03
7
PA_INTERP_EN
1: enable the PA power interpolator (see Section
5.6.1).
6
MOD_INTERP_EN
1: enable frequency interpolator for the GFSK shaping
(see Section 5.4.1.1).
5:4
CONST_MAP
Select the constellation map for 4-(G)FSK or 2-
(G)FSK modulations (see Table 38 and Table 39).
3:0
FDEV_E
The exponent value of the frequency deviation
equation (see Equation 7).
MOD0
12
93
7:0
FDEV_M
The mantissa value of the frequency deviation
equation (see Equation 7).
CHFLT
13
23
7:4
CHFLT_M
The mantissa value of the receiver channel filter (see
Table 41).
3:0
CHFLT_E
The exponent value of the receiver channel filter (see
Table 41).
AFC2
14
C8
7
AFC_FREEZE_ON_SYNC
1: enable the freeze AFC correction upon sync word
detection.
6
AFC_ENABLED
1: enable the AFC correction.
5
AFC_MODE
Select AFC mode:
0: AFC loop closed on slicer
1: AFC loop closed on second conversion stage.
4:0
RESERVED
-
AFC1
15
18
7:0
AFC_FAST_PERIOD
The length of the AFC fast period.
AFC0
16
25
7:4
AFC_FAST_GAIN
The AFC loop gain in fast mode (2's log).
3:0
AFC_SLOW_GAIN
The AFC loop gain in slow mode (2's log).
RSSI_FLT
17
E3
7:4
RSSI_FLT
Gain of the RSSI filter.
3:2
CS_MODE
Carrier sense mode:
00b: Static CS
01b: Dynamic CS with 6dB dynamic threshold
10b: Dynamic CS with 12dB dynamic threshold
11b: Dynamic CS with 18dB dynamic
threshold.
(see Section 5.5.8.2)
1:0
RESERVED
-
RSSI_TH
18
28
7:0
RSSI_TH
Signal detect threshold in 1 dB steps. The RSSI_TH
can be converted in dBm using the formula RSSI_TH-
146.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com