Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 1 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 1 Page - STMicroelectronics

  S2-LP Datasheet HTML 1Page - STMicroelectronics S2-LP Datasheet HTML 2Page - STMicroelectronics S2-LP Datasheet HTML 3Page - STMicroelectronics S2-LP Datasheet HTML 4Page - STMicroelectronics S2-LP Datasheet HTML 5Page - STMicroelectronics S2-LP Datasheet HTML 6Page - STMicroelectronics S2-LP Datasheet HTML 7Page - STMicroelectronics S2-LP Datasheet HTML 8Page - STMicroelectronics S2-LP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
November 2016
DocID029944 Rev 1
1/90
This is information on a product in full production.
www.st.com
S2-LP
Ultra-low power, high performance, sub-1GHz transceiver
Datasheet - production data
Features
Frequency bands:
430-470 MHz
860-940 MHz
Modulation schemes:
2(G)FSK, 4(G)FSK
OOK, ASK
Air data rate from 0.3 to 500 kbps
Ultra-low power consumption:
7 mA RX
10 mA TX @ +10 dBm
Excellent performance of receiver sensitivity:
down to -130 dBm
Excellent receiver selectivity and blocking
Programmable RF output power up to +16
dBm
Bit rate from 0.3 to 500 kbps
Programmable RX digital filter
Programmable channel spacing
Fast startup and frequency synthesizer
settling time
Automatic frequency offset compensation,
AGC and symbol timing recovery
More than 140 dB RF link budget
Battery indicator and low battery detector
RX and TX FIFO buffers
4 wires SPI interface
Automatic packet acknowledgment and
retransmission
Embedded timeout protocol engine
Antenna diversity algorithm
Fully integrated ultra-low power RC oscillator
Wake-up driven by internal timer or external
event
Digital real time RSSI
Flexible packet length with dynamic payload
length
Programmable preamble and SYNC word
quality filtering and detection
Embedded CSMA/CA engine based on
listen-before-talk systems
IEEE 802.15.4g hardware packet support
with whitening, FEC, CRC and dual SYNC
word detection
Wireless M-BUS supported
Enables operations in the SIGFOX™
networks
Suitable to build systems targeting:
Europe: ETSI EN 300 220, ETSI EN
303 131
US: FCC part 15 and part 90
Japan: ARIB STD T67, T108
China: SRRC
Operating temperature range:
-40 °C to +85 °C
Applications
Sensors to Cloud
Smart metering
Home energy management systems
Wireless alarm systems
Smart home
Building automation
Industrial monitoring and control
Smart lighting systems
Table 1: Device summary
Order code
Package
Packing
S2-LPQTR
QFN24 4x4x1
Tape and reel


Similar Part No. - S2-LP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
S2-LP STMICROELECTRONICS-S2-LP Datasheet
176Kb / 5P
Sub-1 GHz 915 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
November 2019
S2-LP STMICROELECTRONICS-S2-LP Datasheet
1Mb / 5P
Sub-1 GHz 868 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
December 2019
S2-LPS STMICROELECTRONICS-S2-LPS Datasheet
1Mb / 73P
Ultra-low power, high performance, sub-1 GHz transceiver
Rev 1 - February 2022
S2-LPSCBQTR STMICROELECTRONICS-S2-LPSCBQTR Datasheet
1Mb / 73P
Ultra-low power, high performance, sub-1 GHz transceiver
Rev 1 - February 2022
S2-LPSQTR STMICROELECTRONICS-S2-LPSQTR Datasheet
1Mb / 73P
Ultra-low power, high performance, sub-1 GHz transceiver
Rev 1 - February 2022
More results

Similar Description - S2-LP

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A2530E24AZ1 ANAREN-A2530E24AZ1 Datasheet
975Kb / 2P
Excellent receiver sensitivity and robustness to interference
A2530R24AZ1 ANAREN-A2530R24AZ1 Datasheet
954Kb / 2P
Excellent receiver sensitivity and robustness to interference
logo
Oscilent Corporation
774-60M OSCILENT-774-60M Datasheet
133Kb / 2P
High Selectivity Type
logo
SemiHow Co.,Ltd.
HCU70R1K5E SEMIHOW-HCU70R1K5E Datasheet
435Kb / 9P
Excellent stability and uniformity
HCA65R042E SEMIHOW-HCA65R042E Datasheet
242Kb / 7P
Excellent stability and uniformity
HCA65R042FE SEMIHOW-HCA65R042FE Datasheet
246Kb / 7P
Excellent stability and uniformity
HCS60R520T SEMIHOW-HCS60R520T Datasheet
201Kb / 7P
Excellent stability and uniformity
logo
Abracon Corporation
AFS20A15-2017.50-T2 ABRACON-AFS20A15-2017.50-T2 Datasheet
2Mb / 4P
Excellent selectivity with high out-of-band rejection
07.24.12
AFS20A53-1575.42-T2 ABRACON-AFS20A53-1575.42-T2 Datasheet
1Mb / 3P
Excellent selectivity with high out-of-band rejection
05.21.12
logo
AUREL S.p.A.
650200997G AUREL-650200997G Datasheet
103Kb / 1P
High Selectivity Receiver with HCS(1) Decoder Embedded
11-09-2006 / Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com