Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 72 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 72 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 68Page - STMicroelectronics S2-LP Datasheet HTML 69Page - STMicroelectronics S2-LP Datasheet HTML 70Page - STMicroelectronics S2-LP Datasheet HTML 71Page - STMicroelectronics S2-LP Datasheet HTML 72Page - STMicroelectronics S2-LP Datasheet HTML 73Page - STMicroelectronics S2-LP Datasheet HTML 74Page - STMicroelectronics S2-LP Datasheet HTML 75Page - STMicroelectronics S2-LP Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 90 page
background image
MCU interface
S2-LP
72/90
DocID029944 Rev 1
Figure 25: SPI read sequence
Figure 26: SPI command sequence
Concerning the first byte, the MSB is an A/C bit (Address/Commands: 0 indicates that the
following byte is an address, 1 indicates that the following byte is a command code), while
the LSB is a W/R bit (Write/Read: 1 indicates a read operation). All other bits must be zero.
Read and write operations are persistently executed while CSn is kept active (low), the
address is automatically incremented (burst mode).
Accessing the FIFO is done as usual with the read and write commands, by putting, as
address, the code 0xFF. Burst mode is available to access the sequence of bytes in the
FIFO. Clearly, RX-FIFO is accessed with a read operation, TX-FIFO with a write operation.
9.2
Interrupts
In order to notify the MCU of a certain number of events an interrupt signal is generated on
a selectable GPIO. The following events trigger an interrupt to the MCU:
Table 56: Interrupts list
Bit
Events group
Interrupt event
0
Packet oriented
RX data ready
1
RX data discarded (upon filtering)
2
TX data sent
3
Max. re-TX reached
SCLK
CSn
MOSI
C7
Header Byte
W/R
1
A/C
Don
’t Care
Tri-State
0
0
0
0
0
0
0
C6
C5
C4
C3
C2
C1
C0
Spirit1 Command Code
MISO
S15
S14
S13
S12
S11
S10
S9
S7
S6
S5
S4
S3
S2
S8
S1
S0
Spirit1 Status bits
SCLK
CSn
MOSI
C7
Header Byte
W/R
1
A/C
Don
’t Care
Tri-State
0
0
0
0
0
0
0
C6
C5
C4
C3
C2
C1
C0
Spirit1 Command Code
MISO
S15
S14
S13
S12
S11
S10
S9
S7
S6
S5
S4
S3
S2
S8
S1
S0
Spirit1 Status bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com