Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 27 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 27 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 23Page - STMicroelectronics S2-LP Datasheet HTML 24Page - STMicroelectronics S2-LP Datasheet HTML 25Page - STMicroelectronics S2-LP Datasheet HTML 26Page - STMicroelectronics S2-LP Datasheet HTML 27Page - STMicroelectronics S2-LP Datasheet HTML 28Page - STMicroelectronics S2-LP Datasheet HTML 29Page - STMicroelectronics S2-LP Datasheet HTML 30Page - STMicroelectronics S2-LP Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 90 page
background image
S2-LP
Block description
DocID029944 Rev 1
27/90
5
Block description
5.1
Power management
The S2-LP integrates a high efficiency step-down converter cascaded with LDOs meant to
supply both analog and digital parts. However, an LDO directly fed by the external battery
provides a controlled voltage to the data interface block.
S2-
LP’s Power Management (PM) strategy, besides the basic functionality of providing
different blocks with proper supplies, faces two main constraints: the first one is to
implement such a power distribution with maximum efficiency, and the second one is to
guarantee the isolation among critical blocks.
The efficiency target is obtained by using a Switch Mode Power Supply (SMPS) which
converts the battery voltage (1.8 V - 3.6 V) to a lower voltage (settable from 1.1 V to 1.8 V)
with efficiency higher than 90%.
The SMPS output voltage can be controlled by the SET_SMPS_LVL field in the
PM_CONF0 register. The relation between the SET_SMPS_LVL and the VOUT of the SMPS
is given by the following table:
Table 32: SMPS output voltage
SET_SMPS_LVL
SMPS Output Voltage
000b
1.1 V
001b
1.2 V
010b
1.3 V
011b
1.4 V
100b
1.5 V
101b
1.6 V
110b
1.7 V
111b
1.8 V
The SMPS output voltage can be controlled in TX only or for both RX and TX according to
the SMPS_LVL_MODE bit of the PM_CONF1 register.
1: SMPS output level will depend upon the value in PM_CONFIG register just in TX
state, while in RX state it will be fixed to 1.4 V.
0: SMPS output level will depend upon the value written in the PM_CONFIG0 register
(SET_SMPS_LEVEL field) both in RX and TX state.
The SMPS switching frequency is settable by the 2 registers PM_CONF3 and PM_CONF2.
If the KRM_EN is 0, then the digital divider by 4 enabled. In this case SMPS' switching
frequency is:
Equation 1
������������ =
����������������
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com