Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 20 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 16Page - STMicroelectronics S2-LP Datasheet HTML 17Page - STMicroelectronics S2-LP Datasheet HTML 18Page - STMicroelectronics S2-LP Datasheet HTML 19Page - STMicroelectronics S2-LP Datasheet HTML 20Page - STMicroelectronics S2-LP Datasheet HTML 21Page - STMicroelectronics S2-LP Datasheet HTML 22Page - STMicroelectronics S2-LP Datasheet HTML 23Page - STMicroelectronics S2-LP Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 90 page
background image
Specifications
S2-LP
20/90
DocID029944 Rev 1
Table 17: RF receiver characteristics
Parameter
Test condition
SMPS on
Unit
Receiver channel
bandwidth CHF
1-800
kHz
RX input return loss
Max RX gain, tied (RX + TX) matching
networks
433 MHz
-15
dB
868 MHz
-15
Saturation 1% BER
2-FSK 1.2 kHz FDEV, DR = 1.2 kbps,
CHF = 4 kHz
433 MHz
10
dBm
868 MHz
10
Input third order
intercept point
Interferers are continuous wave @ 6 MHz
and 12 MHz offset from carrier.
433 MHz
-23
868 MHz
-20
RX noise figure
Max RX gain, tied (RX + TX) matching
networks
433 MHz
8.5
dB
868 MHz
8.5
Differential input
impedance at LNA
Max RX gain
R // C
433 MHz
200 // 1.5
Ω//pF
868 MHz
200 // 1.5
4.8.1
Blocking and selectivity at 433 MHz
Table 18: Blocking and selectivity at 433 MHz
Parameter
Test condition
SMPS on
Unit
Selectivity and blocking 1%
BER @ 2-GFSK BT=0.5 1.2 kHz FDEV, DR =
1.2 kbps, CHF = 4 kHz
+12.5 kHz (adjacent channel)
68
dB
-12.5 kHz (adjacent channel)
68
+25 kHz (alternate channel)
67
-25 kHz (alternate channel)
67
Image rejection
67
±2 MHz
80
±10 MHz
83
Selectivity and blocking 1%
BER @ 2-GFSK BT=0.5 20 kHz FDEV, DR =
38.4 kbps, CHF = 100 kHz
+100 kHz (adjacent channel)
51
dB
-100 kHz (adjacent channel)
51
+200 kHz (alternate channel)
51
-200 kHz (alternate channel)
51
Image rejection
56
±2 MHz
68
±10 MHz
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com