Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 83 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 83 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 79Page - STMicroelectronics S2-LP Datasheet HTML 80Page - STMicroelectronics S2-LP Datasheet HTML 81Page - STMicroelectronics S2-LP Datasheet HTML 82Page - STMicroelectronics S2-LP Datasheet HTML 83Page - STMicroelectronics S2-LP Datasheet HTML 84Page - STMicroelectronics S2-LP Datasheet HTML 85Page - STMicroelectronics S2-LP Datasheet HTML 86Page - STMicroelectronics S2-LP Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 90 page
background image
S2-LP
Register contents
DocID029944 Rev 1
83/90
Name
Addr
Default
Bit
Field name
Description
VCO_CALIBR_IN2
69
88
7:4
VCO_CALAMP_TX
VCO magnitude calibration word (binary coding to be
internally converted in thermometric code) used in TX.
3:0
VCO_CALAMP_RX
VCO magnitude calibration word (binary coding to be
internally converted in thermometric code) used in
RX.
VCO_CALIBR_IN1
6A
40
7
RESERVED
-
6:0
VCO_CALFREQ_TX
VCO Cbank frequency calibration word to be used in
TX.
VCO_CALIBR_IN0
6B
40
7
RESERVED
-
6:0
VCO_CALFREQ_RX
VCO Cbank frequency calibration word to be used in
RX.
XO_RCO_CONF1
6C
45
7:5
RESERVED
-
4
PD_CLKDIV
1: disable both dividers of digital clock (and reference
clock for the SMPS) and IF-ADC clock.
3:0
RESERVED
-
XO_RCO_CONF0
6D
30
7
EXT_REF
0: reference signal from XO circuit
1: reference signal from XIN pin.
5:4
GM_CONF
Set the driver gm of the XO at start up.
3
REFDIV
1: enable the the reference clock divider.
2
RESERVED
-
1
EXT_RCO_OSC
1: the 34.7 kHz signal must be supplied from any
GPIO.
0
RCO_CALIBRATION
1: enable the automatic RCO calibration.
RCO_CALIBR_CONF3
6E
70
7:4
RWT_IN
RWT word value for the RCO.
3:0
RFB_IN[4:1]
MSB part of RFB word value for RCO.
RCO_CALIBR_CONF2
6F
4D
7
RFB_IN[0]
LSB part of RFB word value for RCO.
6:0
RESERVED
-
PM_CONF4
75
17
7:6
RESERVED
-
5
EXT_SMPS
1: disable the internal SMPS.
4:0
RESERVED
-
PM_CONF3
76
20
7
KRM_EN
0: divider by 4 enabled (SMPS' switching
frequency is FSW=Fdig/4)
1: rate multiplier enabled (SMPS' switching
frequency is FSW=KRM*Fdig/(2^15).
6:0
KRM[14:8]
Sets the divider ratio (MSB) of the rate multiplier
(default: Fsw=Fdig/4)
PM_CONF2
77
00
7:0
KRM[7:0]
Sets the divider ratio (LSB) of the rate multiplier
(default: Fsw=Fdig/4)
PM_CONF1
78
39
7
RESERVED
-
6
BATTERY_LVL_EN
1: enable battery level detector circuit.
5:4
SET_BLD_TH
Set the BLD threshold:
00b: 2.7V
01b: 2.5V
10b: 2.3V
11b: 2.1V.
3
SMPS_LVL_MODE
0: SMPS output level will depend upon the
value written in the PM_CONFIG0 register
(SET_SMPS_LEVEL field) both in RX and TX
state.
1: SMPS output level will depend upon the
value in PM_CONFIG register just in TX state,
while in RX state it will be fixed to 1.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com