Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 76 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 76 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 72Page - STMicroelectronics S2-LP Datasheet HTML 73Page - STMicroelectronics S2-LP Datasheet HTML 74Page - STMicroelectronics S2-LP Datasheet HTML 75Page - STMicroelectronics S2-LP Datasheet HTML 76Page - STMicroelectronics S2-LP Datasheet HTML 77Page - STMicroelectronics S2-LP Datasheet HTML 78Page - STMicroelectronics S2-LP Datasheet HTML 79Page - STMicroelectronics S2-LP Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 90 page
background image
Register contents
S2-LP
76/90
DocID029944 Rev 1
10
Register contents
Table 59: Register contents
Name
Addr
Default
Bit
Field name
Description
GPIO0_CONF
00
0A
7:3
GPIO_SELECT
Specify the GPIO0 I/O signal, default setting POR
(see Table 57).
2
RESERVED
-
1:0
GPIO_MODE
GPIO0 Mode:
01b: Digital Input
10b: Digital Output Low Power
11b: Digital Output High Power
GPIO1_CONF
01
A2
7:3
GPIO_SELECT
Specify the GPIO1 I/O signal, default setting digital
GND (see Table 57).
2
RESERVED
-
1:0
GPIO_MODE
GPIO1 Mode:
01b: Digital Input1
0b: Digital Output Low Power
11b: Digital Output High Power
GPIO2_CONF
02
A2
7:3
GPIO_SELECT
Specify the GPIO2 I/O signal, default setting digital
GND (see Table 57).
2
RESERVED
-
1:0
GPIO_MODE
GPIO2 Mode:
01b: Digital Input
10b: Digital Output Low Power
11b: Digital Output High Power
GPIO3_CONF
03
A2
7:3
GPIO_SELECT
Specify the GPIO3 I/O signal, default setting digital
GND (see Table 57).
2
RESERVED
-
1:0
GPIO_MODE
GPIO3 Mode:
00b: Analog
01b: Digital Input
10b: Digital Output Low Power
11b: Digital Output High Power
SYNT3
05
42
7:5
PLL_CP_ISEL
Set the charge pump current according to the XTAL
frequency (see Table 34).
4
BS
Synthesizer band select. This parameter selects the
out-of loop divide factor of the synthesizer:
0: 4, band select factor for high band
1: 8, band select factor for middle band (see
Section 5.3.1).
3:0
SYNT[27:24]
MSB bits of the PLL programmable divider (see
Section 5.3.1).
SYNT2
06
16
7:0
SYNT[23:16]
Intermediate bits of the PLL programmable divider
(see Section 5.3.1).
SYNT1
07
27
7:0
SYNT[15:8]
Intermediate bits of the PLL programmable divider
(see Section 5.3.1).
SYNT0
08
62
7:0
SYNT[7:0]
LSB bits of the PLL programmable divider (see
Section 5.3.1).
IF_OFFSET_ANA
09
2A
7:0
IF_OFFSET_ANA
Intermediate frequency setting for the analog RF
synthesizer, default: 300 kHz (see Equation 11).
IF_OFFSET_DIG
0A
B8
7:0
IF_OFFSET_DIG
Intermediate frequency setting for the digital shift-to-
baseband circuits, default: 300 kHz (see Equation 11).
CHSPACE
0C
3F
7:0
CH_SPACE
Channel spacing setting (see Equation 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com