Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 59 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 59 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 55Page - STMicroelectronics S2-LP Datasheet HTML 56Page - STMicroelectronics S2-LP Datasheet HTML 57Page - STMicroelectronics S2-LP Datasheet HTML 58Page - STMicroelectronics S2-LP Datasheet HTML 59Page - STMicroelectronics S2-LP Datasheet HTML 60Page - STMicroelectronics S2-LP Datasheet HTML 61Page - STMicroelectronics S2-LP Datasheet HTML 62Page - STMicroelectronics S2-LP Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 90 page
background image
S2-LP
Packet handler engine
DocID029944 Rev 1
59/90
7.9
CRC
Error detection is implemented by means of cyclic redundancy check codes. The CRC is
calculated over all fields excluding preamble and SYNC word. The length of the checksum
is programmable to 8, 16, 24 or 32 bits. The following standard CRC polynomials can be
selected:
mode 1: 8 bits: the poly is (0x07) X8+X2+X+1
mode 2: 16 bits: the poly is (0x8005) X16+X15+X2+1
mode 3: 16 bits: the poly is (0x1021) X16+X12+X5+1
mode 4: 24 bits: the poly is (0x864CFB)
X24+X23+X18+X17+X14+X11+X10+X7+X6+X5+X4+X3+X+1
mode 5: 32 bits the poly is (0x04C011BB7 ) x32+x26+ x23+ x22+ x16+ x12+ x11+ x10+ x8+
x7+ x5+ x4+ x2+x+1. 802.15.4g compatible
7.10
Data whitening
To prevent short repeating sequences (e.g., runs of 0's or 1's) that create spectral lines,
which may complicate symbol tracking at the receiver or interfere with other transmissions,
the device implements a data whitening feature. Data whitening is implemented with a
maximum length LFSR generating a pseudo-random binary sequence used to XOR data
before entering the encoding chain. The length of the LSFR is set to 9 bits. The pseudo-
random sequence is initialized to all 1's. When enabled through WHIT_EN register, the
data are scrambled before being transmitted in such a way that long sequences of zeros or
ones become very unlikely and physical layer algorithms perform better.
At the receiver end, the data are XOR-end with the same pseudo-random sequence.
Whitening is applied according to the following LFSR implementation. Data whitening is
always recommended.
Data whitening is applied on all fields excluding the preamble, the SYNC words and the
postamble for BASIC and STack packet format according to the following scheme:
Figure 10: data whitening scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com