Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 51 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 51 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 47Page - STMicroelectronics S2-LP Datasheet HTML 48Page - STMicroelectronics S2-LP Datasheet HTML 49Page - STMicroelectronics S2-LP Datasheet HTML 50Page - STMicroelectronics S2-LP Datasheet HTML 51Page - STMicroelectronics S2-LP Datasheet HTML 52Page - STMicroelectronics S2-LP Datasheet HTML 53Page - STMicroelectronics S2-LP Datasheet HTML 54Page - STMicroelectronics S2-LP Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 90 page
background image
S2-LP
Packet handler engine
DocID029944 Rev 1
51/90
7
Packet handler engine
The S2-LP offers a highly flexible and fully programmable packet handler (framer and de-
framer) that build the packet according to the user configuration settings. The packet types
are available: BASIC format, STack format in which auto acknowledgment and auto
retransmission is used, 802.15.4g packet format and UART over the air packet format.
WMBUS format is supported but it can be obtained using the proper features combination.
The RX packet handler is in charge of treating the raw bits produced by the demodulator.
The main functions of the RX packet handler are:
Detect a valid preamble
Detect a valid synchronization word and start-of-frame
Extract all packet fields according to the selected packet format
Perform error correction and interleaving
Calculate the local CRC and compare to the received one
The device supports 4 different packet formats. The current packet format is set by the
PCK_FRMT field of the PCKTCTRL3 register.
In particular:
0: Basic packet format
1: 802.15.4g packet format
2: UART over the air packet format
3: STack packet format
7.1
BASIC packet format
The packet format BASIC is selected by writing 0b in the register PCK_FRMT. The packet
frame is as follows.
Table 48: BASIC packet format
Preamble
Sync
Length
Address
Payload
CRC
Postamble
0:2046 bits
0:32 bits
0:2 bytes
0:1 bytes
0:65535 bytes
0:4 bytes
0:510 bits
Preamble
: each preamble is a pair of ‘01’ or ‘10’ from 0 pair to 2046 pairs,
programmed by the register PREAMBLE_LENGTH. The binary sequences transmitted
in the various modulation modes are summarized in the following table (leftmost bit is
transmitted first).
Table 49: Preamble field selection
PREAMBLE_SEL
2(G)FSK or OOK/ASK
4(G)FSK
0
0101
0111
1
1010
0010
2
1100
1101
3
0011
1000
Sync: the pattern that identify the start of the frame can be configured in value with a
programmable length from 0 to 32 bits, in steps of 1-bit length. The setting is done by
the register SYNC_LENGTH. The S2LP supports dual synchronization with a either a
primary or a secondary synchronization word. The binary content of the primary SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com