Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 74 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 74 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 70Page - STMicroelectronics S2-LP Datasheet HTML 71Page - STMicroelectronics S2-LP Datasheet HTML 72Page - STMicroelectronics S2-LP Datasheet HTML 73Page - STMicroelectronics S2-LP Datasheet HTML 74Page - STMicroelectronics S2-LP Datasheet HTML 75Page - STMicroelectronics S2-LP Datasheet HTML 76Page - STMicroelectronics S2-LP Datasheet HTML 77Page - STMicroelectronics S2-LP Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 90 page
background image
MCU interface
S2-LP
74/90
DocID029944 Rev 1
9.3
GPIOs
The four GPIOs can be configured as follows:
Table 57: GPIO digital output functions
I/O
selection
Output signal
0
nIRQ (interrupt request, active low)
1
POR inverted (active low)
2
Wake-
up timer expiration: ‘1’ when WUT has expired
3
Low battery detection: ‘1’ when battery is below threshold setting
4
TX data internal clock output (TX data are sampled on the rising edge of it)
5
TX state indication: ‘1’ when the S2-LP is transiting in the TX state
6
TX/RX FIFO almost empty flag
7
TX/RX FIFO almost full flag
8
RX data output
9
RX clock output (recovered from received data)
10
RX state indication: ‘1’ when the S2-LP is transiting in the RX state
11
Device in a state other than SLEEP or STANDBY: ‘0’ when in SLEEP/STANDBY (to
enable an external TCXO)
12
Device in STANDBY state
13
Antenna switch signal used for antenna diversity
14
Valid preamble detected flag
15
Sync word detected flag
16
RSSI above threshold (same indication of CS register)
17
Reserved
18
TX or RX mode indicator (to enable an external range extender)
19
VDD (to emulate an additional GPIO of the MCU, programmable by SPI)
20
GND (to emulate an additional GPIO of the MCU, programmable by SPI)
21
External SMPS enable signal (active high)
22
Device in SLEEP state
23
Device in READY state
24
Device in LOCK state
25
Device waiting for a high level of the lock-detector output signal
26
TX_DATA_OOK signal (internal control signal generated in the OOK analog smooth
mode)
27
Device waiting for a high level of the READY2 signal from XO
28
Device waiting for timer expiration to allow PM block settling
29
Device waiting for end of VCO calibration
30
Device enables the full circuitry of the SYNTH block
31
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com