Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 79 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 79 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 75Page - STMicroelectronics S2-LP Datasheet HTML 76Page - STMicroelectronics S2-LP Datasheet HTML 77Page - STMicroelectronics S2-LP Datasheet HTML 78Page - STMicroelectronics S2-LP Datasheet HTML 79Page - STMicroelectronics S2-LP Datasheet HTML 80Page - STMicroelectronics S2-LP Datasheet HTML 81Page - STMicroelectronics S2-LP Datasheet HTML 82Page - STMicroelectronics S2-LP Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 90 page
background image
S2-LP
Register contents
DocID029944 Rev 1
79/90
Name
Addr
Default
Bit
Field name
Description
PCKTCTRL3
2E
20
7:6
PCKT_FRMT
Format of packet:
0: Basic
1: 802.15.4g
2: UART OTA
3: Stack
(see section 6 )
5:4
RX_MODE
RX mode:
0: normal mode
1: direct through FIFO
2: direct through GPIO
3
FSK4_SYM_SWAP
Select the symbol mapping for 4(G)FSK.
2
BYTE_SWAP
Select the transmission order between MSB and LSB.
1:0
PREAMBLE_SEL
Select the preamble pattern.
PCKTCTRL2
2F
00
7:6
RESERVED
-
5
FCS_TYPE_4G
This is the FCS type in header field of 802.15.4g
packet.
4
FEC_TYPE_4G/STOP_BIT
If the 802.15.4 mode is enabled, this is the
FCS type in header field of 802.15.4g packet.
Select the FEC type of 802.15.4g packet:
0: NRNSC
1: RSC.
If the UART packet is enabled, this is the value
of the STOP_BIT.
3
INT_EN_4G/START_BIT
If the 802.15.4 mode is enabled, 1: enable the
interleaving of 802.15.4g packet.
If the UART packet is enabled, this is the value
of the START_BIT.
2
MBUS_3OF6_EN
1: enable the 3-out-of-6 encoding/decoding.
1
MANCHESTER_EN
1: enable the Manchester encoding/decoding.
0
FIX_VAR_LEN
Packet length mode:
0: fixed
1: variable (in variable mode the field
LEN_WID of PCKTCTRL3 register must be
configured)
PCKTCTRL1
30
2C
7:5
CRC_MODE
CRC field:
0: no CRC field
1: CRC using poly 0x07
2: CRC using poly 0x8005
3: CRC using poly 0x1021
4: CRC using poly 0x864CBF
5: CRC using poly 0x04C011BB7
4
WHIT_EN
1: enable the whitening mode.
3:2
TXSOURCE
Tx source data:
0: normal mode
1: direct through FIFO
2: direct through GPIO
3: PN9
1
SECOND_SYNC_SEL
In TX mode:
0 select the primary SYNC word
1 select the secondary SYNC word.
In RX mode, if 1 enable the dual SYNC word
detection mode.
0
FEC_EN
1: enable the FEC encoding in TX or the Viterbi
decoding in RX.
PCKTLEN1
31
00
7:0
PCKTLEN1
MSB of length of packet in bytes.
PCKTLEN0
32
14
7:0
PCKTLEN0
LSB of length of packet in bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com