Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 26 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 26 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 22Page - STMicroelectronics S2-LP Datasheet HTML 23Page - STMicroelectronics S2-LP Datasheet HTML 24Page - STMicroelectronics S2-LP Datasheet HTML 25Page - STMicroelectronics S2-LP Datasheet HTML 26Page - STMicroelectronics S2-LP Datasheet HTML 27Page - STMicroelectronics S2-LP Datasheet HTML 28Page - STMicroelectronics S2-LP Datasheet HTML 29Page - STMicroelectronics S2-LP Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 90 page
background image
Specifications
S2-LP
26/90
DocID029944 Rev 1
4.11
Battery indicator
Characteristics measured over recommended operating conditions unless otherwise
specified. All typical values are referred to 25 °C temperature, VBAT = 3.0 V.
Table 31: Battery indicator and low battery detector
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Battery level
thresholds #1
2.1
V
Battery level
thresholds #2
2.3
Battery level
thresholds #3
2.5
Battery level
thresholds #4
2.7
Brownout threshold
Measured in slow battery variation (static)
conditions (inaccurate mode)
1.5
Measured in slow battery variation (static)
conditions (accurate mode)
1.7
Brownout threshold
hysteresis
70
mV
For battery-powered equipment, the TX does not transmit at a wrong frequency
under low battery voltage conditions. It remains on either channel or stops
transmitting. The latter can of course be realized by using a lock detect and/or by
switching off the PA under control of the battery monitor. For testing reasons this
control is enabled/disabled by SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com