Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 14 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 10Page - STMicroelectronics S2-LP Datasheet HTML 11Page - STMicroelectronics S2-LP Datasheet HTML 12Page - STMicroelectronics S2-LP Datasheet HTML 13Page - STMicroelectronics S2-LP Datasheet HTML 14Page - STMicroelectronics S2-LP Datasheet HTML 15Page - STMicroelectronics S2-LP Datasheet HTML 16Page - STMicroelectronics S2-LP Datasheet HTML 17Page - STMicroelectronics S2-LP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 90 page
background image
Typical application diagram and pin description
S2-LP
14/90
DocID029944 Rev 1
N.
Pin name
Pin type
Description
6
SDN
Digital in
Shutdown input pin. SDN should be = ‘0’ in all modes, but
SHUTDOWN mode
7
VDD
ANA/
SYNTH
Power
1.8 V to 3.6 V power
8
VR
SYNTH
Analog in/out
1.2 V SYNTH-LDO output for decoupling
9
VREF
VCO
Analog out
1.2 V VCO-LDO for decoupling
10
VDD
VCO/TX
Power
1.8 V to 3.6 V power supply
11
TX
RF output
RF output signal
12
VR RF
Analog in/out
1.2 V RX-LDO output for decoupling
13
RXn
RF in
Differential RF input signals for the LNA
14
RXp
RF in
15
VDD
RX/DIG
Power
1.8 V to 3.6 V power supply
16
SDO
Digital out
SPI slave data output
17
SDI
Digital in
SPI slave data input
18
SCLK
Digital in
SPI slave clock input
19
CSn
Digital in
SPI chip select
20
GPIO0
Digital I/O
General purpose I/O that may be configured through the SPI
registers to perform various functions
21
GPIO1
Digital I/O
22
GPIO2
Digital I/O
23
GPIO3
Digital I/O
24
VR DIG
Analog in/out
1.2 V digital power supply output for decoupling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com