Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 243 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 243 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 239Page - National Semiconductor (TI) SC2200 Datasheet HTML 240Page - National Semiconductor (TI) SC2200 Datasheet HTML 241Page - National Semiconductor (TI) SC2200 Datasheet HTML 242Page - National Semiconductor (TI) SC2200 Datasheet HTML 243Page - National Semiconductor (TI) SC2200 Datasheet HTML 244Page - National Semiconductor (TI) SC2200 Datasheet HTML 245Page - National Semiconductor (TI) SC2200 Datasheet HTML 246Page - National Semiconductor (TI) SC2200 Datasheet HTML 247Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 433 page
background image
Revision 3.0
243
www.national.com
Core Logic Module (Continued)
5.4.2
SMI Status and ACPI Registers - Function 1
The register space designated as Function 1 (F1) is used
to configure the PCI portion of support hardware for the
SMI Status and ACPI Support registers. The bit formats for
the PCI Header registers are given in Table 5-32.
Located in the PCI Header registers of F1 are two Base
Address Registers (F1BARx) used for pointing to the regis-
ter spaces designated for SMI status and ACPI support,
described later in this section.
Table 5-32. F1: PCI Header Registers for SMI Status and ACPI Support
Bit
Description
Index 00h-01h
Vendor Identification Register (RO)
Reset Value: 100Bh
Index 02h-03h
Device Identification Register (RO)
Reset Value: 0501h
Index 04h-05h
PCI Command Register (R/W)
Reset Value: 0000h
15:1
Reserved. (Read Only)
0
I/O Space. Allow the Core Logic module to respond to I/O cycles from the PCI bus.
0: Disable.
1: Enable.
This bit must be enabled to access I/O offsets through F1BAR0 and F1BAR1 (see F1 Index 10h and 40h).
Index 06h-07h
PCI Status Register (RO)
Reset Value: 0280h
Index 08h
Device Revision ID Register (RO)
Reset Value: 00h
Index 09h-0Bh
PCI Class Code Register (RO)
Reset Value: 068000h
Index 0Ch
PCI Cache Line Size Register (RO)
Reset Value: 00h
Index 0Dh
PCI Latency Timer Register (RO)
Reset Value: 00h
Index 0Eh
PCI Header Type (RO)
Reset Value: 00h
Index 0Fh
PCI BIST Register (RO)
Reset Value: 00h
Index 10h-13h
Base Address Register 0 - F1BAR0 (R/W)
Reset Value: 00000001h
This register allows access to I/O mapped SMI status related registers. Bits [7:0] are read only (0000 0001), indicating a 256-byte I/O
address range. Refer to Table 5-33 on page 244 for bit formats and reset values of the SMI status registers.
31:8
SMI Status Base Address.
7:0
Address Range. (Read Only)
Index 14h-2Bh
Reserved
Reset Value: 00h
Index 2Ch-2Dh
Subsystem Vendor ID (RO)
Reset Value: 100Bh
Index 2Eh-2Fh
Subsystem ID (RO)
Reset Value: 0501h
Index 30h-3Fh
Reserved
Reset Value: 00h
Index 40h-43h
Base Address Register 1 - F1BAR1 (R/W)
Reset Value: 00000001h
This register allows access to I/O mapped ACPI related registers. Bits [7:0] are read only (0000 0001), indicating a 256 byte address
range. Refer to Table 5-34 on page 253 for bit formats and reset values of the ACPI registers.
Note:
This Base Address register moved from its normal PCI Header Space (F1 Index 14h) to prevent plug and play software from
relocating it after an FACP table is built.
31:8
ACPI Base Address.
7:1
Address Range. (Read Only)
0
Enable. (Write Only) This bit must be set to 1 to enable access to ACPI Support Registers.
Index 44h-FFh
Reserved
Reset Value: 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com