Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 246 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 246 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 242Page - National Semiconductor (TI) SC2200 Datasheet HTML 243Page - National Semiconductor (TI) SC2200 Datasheet HTML 244Page - National Semiconductor (TI) SC2200 Datasheet HTML 245Page - National Semiconductor (TI) SC2200 Datasheet HTML 246Page - National Semiconductor (TI) SC2200 Datasheet HTML 247Page - National Semiconductor (TI) SC2200 Datasheet HTML 248Page - National Semiconductor (TI) SC2200 Datasheet HTML 249Page - National Semiconductor (TI) SC2200 Datasheet HTML 250Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 433 page
background image
www.national.com
246
Revision 3.0
Core Logic Module (Continued)
10
SMI Source is EXT_SMI[7:0]. (Read Only. Read Does Not Clear) Indicates whether or not an SMI was caused by a neg-
ative-edge event on EXT_SMI[7:0].
0: No.
1: Yes.
The next level (second level) of SMI status is at F1BAR0+I/O Offset 24h[23:8].
9
SMI Source is General Timers/Traps. (Read Only, Read Does Not Clear) Indicates whether or not an SMI was caused by
the expiration of one of the General Purpose Timers or one of the User Defined Traps.
0: No.
1: Yes.
The next level (second level) of SMI status is at F1BAR0+I/O Offset 04h/06h.
8
SMI Source is Software Generated. (Read to Clear) Indicates whether or not an SMI was caused by software.
0: No.
1: Yes.
7
SMI on an A20M# Toggle. (Read to Clear) Indicates whether or not an SMI was caused by an access to either Port 92h or
the keyboard command which initiates an A20M# SMI
0: No.
1: Yes.
This method of controlling the internal A20M# in the GX1 module is used instead of a pin.
To enable SMI generation, set F0 Index 53h[0] to 1.
6
SMI Source is a VGA Timer Event. (Read to Clear) Indicates whether or not an SMI was caused by expiration of the VGA
Timer (F0 Index 8Eh).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 83h[3] to 1.
5
SMI Source is Video Retrace. (Read to Clear) Indicates whether or not an SMI was caused by a video retrace event as
decoded from the internal serial connection (PSERIAL register, bit 7) from the GX1 module.
0: No.
1: Yes.
To enable SMI generation, set F0 Index 83h[2] to 1.
4
Reserved. Reads as 0.
3
SMI Source is LPC. (Read Only, Read Does Not Clear) Indicates whether or not an SMI was caused by the LPC interface.
0: No.
1: Yes.
The next level (second level) of SMI status is at F0BAR1+I/O Offset 1Ch[6:5].
2
SMI Source is ACPI. (Read Only, Read Does Not Clear) Indicates whether or not an SMI was caused by an access (read
or write) to one of the ACPI registers (F1BAR1).
0: No.
1: Yes.
The next level (second level) of SMI status is at F1BAR0+I/O Offset 20h.
1
SMI Source is XpressAUDIO Subsystem. (Read Only, Read Does Not Clear) Indicates whether or not an SMI was
caused by the audio subsystem.
0: No.
1: Yes.
The second level of status is found in F3BAR0+Memory Offset 10h/12h.
0
SMI Source is Power Management Event. (Read Only, Read Does Not Clear) Indicates whether or not an SMI was
caused by one of the power management resources (except for GP timers, UDEFx and PCI/ISA function traps which are
reported in bit 9).
0: No.
1: Yes.
The next level (second level) of SMI status is at F0 Index 84h/F4h-87h/F7h.
Table 5-33. F1BAR0+I/O Offset: SMI Status Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com