Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 245 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 245 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 241Page - National Semiconductor (TI) SC2200 Datasheet HTML 242Page - National Semiconductor (TI) SC2200 Datasheet HTML 243Page - National Semiconductor (TI) SC2200 Datasheet HTML 244Page - National Semiconductor (TI) SC2200 Datasheet HTML 245Page - National Semiconductor (TI) SC2200 Datasheet HTML 246Page - National Semiconductor (TI) SC2200 Datasheet HTML 247Page - National Semiconductor (TI) SC2200 Datasheet HTML 248Page - National Semiconductor (TI) SC2200 Datasheet HTML 249Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 433 page
background image
Revision 3.0
245
www.national.com
Core Logic Module (Continued)
5
SMI Source is Video Retrace. Indicates whether or not an SMI was caused by a video retrace event as decoded from the
internal serial connection (PSERIAL register, bit 7) from the GX1 module.
0: No.
1: Yes.
To enable SMI generation, set F0 Index 83h[2] to 1.
4
Reserved. Reads as 0.
3
SMI SourceisLPC. Indicates whether or not an SMI was caused by the LPC interface.
0: No.
1: Yes.
The next level (second level) of SMI status is at F0BAR1+I/O Offset 1Ch[6:5].
2
SMI Source is ACPI. Indicates whether or not an SMI was caused by an access (read or write) to one of the ACPI registers
(F1BAR1).
0: No.
1: Yes.
The next level (second level) of SMI status is at F1BAR0+I/O Offset 20h.
1
SMI Source is XpressAUDIO Subsystem. Indicates whether or not an SMI was caused by the audio subsystem.
0: No.
1: Yes.
The next level (second level) of SMI status is at F3BAR0+Memory Offset 10h/12h.
0
SMI Source is Power Management Event. Indicates whether or not an SMI was caused by one of the power management
resources (except for GP timers, UDEFx and PCI/ISA function traps that are reported in bit 9).
0: No.
1: Yes.
The next level (second level) of SMI status is at F0 Index 84h-F4h/87h-F7h.
Offset 02h-03h
Top Level PME/SMI Status Register (RO/RC)
Reset Value: 0000h
Note:
Reading this register clears all the SMI status bits except for the "read only" bits, because they have a second level of status
reporting. Clearing the second level status bits also clears the top level (except for GPIOs).
GPIO SMIs have third level of SMI status reporting at F0BAR0+I/O Offset 0Ch/1Ch. Clearing the third level GPIO status bits
also clears the second and top levels.
A read-only “Mirror” version of this register exists at F1BAR0+I/O Offset 00h. If the value of the register must be read without
clearing the SMI source (and consequently deasserting SMI), F1BAR0+I/O Offset 00h can be read instead.
15
Suspend Modulation Enable Mirror. (Read to Clear)
This bit mirrors the Suspend Mode Configuration bit (F0 Index 96h[0]). It is used by the SMI handler to determine if the SMI
Speedup Disable Register (F1BAR0+I/O Offset 08h) must be cleared on exit.
14
SMI Source is USB. (Read to Clear) Indicates whether or not an SMI was caused by USB activity.
0: No.
1: Yes.
To enable SMI generation, set F5BAR0+I/O Offset 00h[20:19] to 11.
13
SMI Source is Warm Reset Command. (Read to Clear) Indicates whether or not an SMI was caused by Warm Reset
command
0: No.
1: Yes.
12
SMI Source is NMI. (Read to Clear) Indicates whether or not an SMI was caused by NMI activity.
0: No.
1: Yes.
11
SMI Source is SuperI/O. (Read to Clear) Indicates whether or not an SMI was caused by SuperI/O.
0: No.
1: Yes.
The next level (second level) of SMI status is reported in the SuperI/O module. See Table 4-29 "Banks 0 and 1 - Common
Control and Status Registers" on page 127 for details.
Table 5-33. F1BAR0+I/O Offset: SMI Status Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com