Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 247 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 247 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 243Page - National Semiconductor (TI) SC2200 Datasheet HTML 244Page - National Semiconductor (TI) SC2200 Datasheet HTML 245Page - National Semiconductor (TI) SC2200 Datasheet HTML 246Page - National Semiconductor (TI) SC2200 Datasheet HTML 247Page - National Semiconductor (TI) SC2200 Datasheet HTML 248Page - National Semiconductor (TI) SC2200 Datasheet HTML 249Page - National Semiconductor (TI) SC2200 Datasheet HTML 250Page - National Semiconductor (TI) SC2200 Datasheet HTML 251Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 433 page
background image
Revision 3.0
247
www.national.com
Core Logic Module (Continued)
Offset 04h-05h
Second Level General Traps & Timers
Reset Value: 0000h
PME/SMI Status Mirror Register (RO)
The bits in this register contain second level status reporting. Top level status is reported at F1BAR0+I/O Offset 00h/02h[9].
Reading this register does not clear the SMI. For more information, see F1BAR0+I/O Offset 06h.
15:6
Reserved.
5
PCI/ISA Function Trap. Indicates whether or not an SMI was caused by a trapped PCI/ISA configuration cycle.
0: No.
1: Yes.
To enable SMI generation for:
— Trapped access to ISA Legacy I/O register space set F0 Index 41h[0] = 1.
— Trapped access to F1 register space set F0 Index 41h[1] = 1.
— Trapped access to F2 register space set F0 Index 41h[2] = 1.
— Trapped access to F3 register space set F0 Index 41h[3] = 1.
— Trapped access to F4 register space set F0 Index 41h[4] = 1.
— Trapped access to F5 register space set F0 Index 41h[5] = 1.
4
SMI Source is Trapped Access to User Defined Device 3. Indicates whether or not an SMI was caused by a trapped I/O
or memory access to the User Defined Device 3 (F0 Index C8h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 82h[6] = 1.
3
SMI Source is Trapped Access to User Defined Device 2. Indicates whether or not an SMI was caused by a trapped I/O
or memory access to the User Defined Device 2 (F0 Index C4h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 82h[5] = 1.
2
SMI Source is Trapped Access to User Defined Device 1. Indicates whether or not an SMI was caused by a trapped I/O
or memory access to the User Defined Device 1 (F0 Index C0h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 82h[4] = 1.
1
SMI Source is Expired General Purpose Timer 2. Indicates whether or not an SMI was caused by the expiration of Gen-
eral Purpose Timer 2 (F0 Index 8Ah).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 83h[1] = 1.
0
SMI Source is Expired General Purpose Timer 1. Indicates whether or not an SMI was caused by the expiration of Gen-
eral Purpose Timer 1 (F0 Index 88h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 83h[0] = 1.
Offset 06h-07h
Second Level General Traps & Timers Status Register (RC)
Reset Value: 0000h
The bits in this register contain second level of status reporting. Top level status is reported in F1BAR0+I/O Offset 00h/02h[9]. Reading
this register clears the status at both the second and top levels.
A read-only “Mirror” version of this register exists at F1BAR0+I/O Offset 04h. If the value of this register must be read without clearing
the SMI source (and consequently deasserting SMI), F1BAR0+I/O Offset 04h can be read instead.
15:6
Reserved.
Table 5-33. F1BAR0+I/O Offset: SMI Status Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com