Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 168 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 168 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 164Page - National Semiconductor (TI) SC2200 Datasheet HTML 165Page - National Semiconductor (TI) SC2200 Datasheet HTML 166Page - National Semiconductor (TI) SC2200 Datasheet HTML 167Page - National Semiconductor (TI) SC2200 Datasheet HTML 168Page - National Semiconductor (TI) SC2200 Datasheet HTML 169Page - National Semiconductor (TI) SC2200 Datasheet HTML 170Page - National Semiconductor (TI) SC2200 Datasheet HTML 171Page - National Semiconductor (TI) SC2200 Datasheet HTML 172Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 433 page
background image
www.national.com
168
Revision 3.0
Core Logic Module (Continued)
SL1 Sleep State (ACPI S1)
In this state the core processor is in 3V Suspend mode (all
its clocks are stopped, including the memory controller and
thedisplay controller). TheSDRAM isplacedinself-refresh
mode. All other SC2200 system clocks and PLLs are run-
ning. All devices are powered up (PWRCNT[2:1] and
ONCTL# are all asserted). See Section 5.2.9.5 "Usage
Hints" on page 170.
No reset is performed, when exiting this state. The SC2200
keeps all context in this state. This state corresponds to
ACPI Sleep state S1.
SL2 Sleep State (ACPI S1)
In this state, all of the SC2200 clocks are stopped including
the PLLs. Selected clocks from the PLLs can be kept run-
ning under program control (F0 Index 60h). An exception to
this is the CLK32 output signal which keeps toggling and
the 32 KHz oscillator itself. The SDRAM is placed in self-
refresh mode. The PWRCNT1 pin is deasserted. The
SC2200 itself is powered up. The system designer can
decide which other system devices to power off with the
PWRCNT1 pin.
No reset is performed, when exiting this state. The SC2200
keeps all context in this state. This state corresponds to
ACPI sleep state S1, with lower power and longer wake
time than in SL1.
SL3 Sleep State (ACPI S3)
In this state, the SDRAM is placed in self-refresh mode,
and PWRCNT[2:1] are deasserted. PWRCNT[2:1] should
be used to power off most of the system (except for the
SDRAM). If the Save-to-RAM feature is used, external cir-
cuitry in the SDRAM interface is required to guarantee data
integrity. All SC2200 signals powered by VSB,VSBL or VBAT
are still functional to allow wakeup and to keep the RTC.
The power-up sequence is performed, when exiting this
state. This state corresponds to ACPI Sleep state S3.
SL4 and SL5 Sleep States (ACPI S4 and S5)
The SL4 and SL5 states are similar from the hardware per-
spective.
In
these
states,
the
SC2200
deasserts
PWRCNT[2:1] and ONCTL#. PWRCNT[2:1] and ONCTL#
should be used to power off the system. All signals pow-
ered by VSB,VSBL or VBAT are still functional to allow
wakeup and to keep the RTC.
Whileinthisstate,LED#can be toggledtogivevisualnoti-
fication of this state. ACPI Function Control register
(F1BAR1+I/O Offset 07h[7:6]) is used to control LED#.
The power-up sequence is performed when exiting this
state. This state corresponds to ACPI Sleep states S4 and
S5.
Table 5-5. Wakeup Events Capability
Event
S0/C1
S0/C3
SL1
SL2
SL3
SL4, SL5
Enabled Interrupts
Yes
Yes
Yes
-
-
-
SMI according to Table 5-8
Yes
Yes
Yes
-
-
-
SCI according to Table 5-8
Yes
Yes
Yes
-
-
-
GPIO[47:32], GPIO[15:0]
Yes
Yes
Yes
-
-
-
Power Button
Yes
Yes
Yes
Yes
Yes
Yes
Power Button Override
Yes
Yes
Yes
Yes
Yes
Yes
Bus Master Request
Yes1
Yes
Yes
---
Thermal Monitoring
Yes
Yes
Yes
Yes
Yes
Yes
USB
Yes
Yes
Yes
Yes
-
-
SDATA_IN2 (AC97)
Yes
Yes
Yes
Yes
-
-
IRRX1 (Infrared)
Yes
Yes
Yes
Yes
-
-
GPWIO[2:0]
Yes
Yes
Yes
Yes
Yes
Yes
RI2# (UART2)
Yes
Yes
Yes
Yes
-
-
RTC
Yes
Yes
Yes
Yes
Yes
Yes
1.
Temporarily exits state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com