Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 169 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 169 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 165Page - National Semiconductor (TI) SC2200 Datasheet HTML 166Page - National Semiconductor (TI) SC2200 Datasheet HTML 167Page - National Semiconductor (TI) SC2200 Datasheet HTML 168Page - National Semiconductor (TI) SC2200 Datasheet HTML 169Page - National Semiconductor (TI) SC2200 Datasheet HTML 170Page - National Semiconductor (TI) SC2200 Datasheet HTML 171Page - National Semiconductor (TI) SC2200 Datasheet HTML 172Page - National Semiconductor (TI) SC2200 Datasheet HTML 173Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 433 page
background image
Revision 3.0
169
www.national.com
Core Logic Module (Continued)
5.2.9.3
Power Planes Control
The SC2200 supports up to three power planes. Three sig-
nals are used to control these power planes. Table 5-6
describes the signals and when each is asserted.
These signals allow control of the power of system devices
and the SC2200 itself. Table 5-7 describes the SC2200
power planes with respect to the different Sleep and Global
states.
The SC2200 power planes are controlled externally by the
three signals (i.e., the system designer should make sure
thesystemdesignissuchthatTable5-7 is met) forall sup-
ported Sleep states.
VSB and VBAT are not controlled by any control signal. VSB
exists as long as the AC power is plugged in (for desktop
systems) or the main battery is charged (for mobile sys-
tems). VBAT exists as long as the RTC battery is charged.
Thecaseinwhich VSB does not exist is called Mechanical
Off (G3).
5.2.9.4
Power Management Events
The SC2200 supports power management events that can
manage:
• Transition of the system from a Sleep state to a Work
state. This is done by the hardware. These events are
defined as wakeup events.
• Enabled wakeup events to set the WAK_STS bit
(F1BAR1+I/O Offset 08h[15]) to 1, when transitioning
thesystem back tothe workingstate.
• Generation of an interrupt. This invokes the relevant
software driver. The interrupt can either be an SMI or
SCI (selected by the SCI_EN bit, F1BAR1+I/O Offset
0Ch[0]). These events are defined as interrupt events.
Table 5-8 lists the power management events that can gen-
erateanSCI or SMI.
Power Button
The power button (PWRBTN#) input provides two events: a
wake request, and a sleep request. For both these events,
the PWRBTN# signal is debounced (i.e., the signal state is
transferred only after 14 to 16 msec without transitions, to
ensure that the signal is no longer bouncing).
ACPI is non-functional when the power-up sequence does
not include using the power button. If ACPI functionality is
desired, the power button must be toggled. This can be
done externally or internally. GPIO63 is internally con-
nected to PWRBTN#. To toggle the power button with soft-
ware, GPIO63 must be programmed as an output using the
normal GPIO programming protocol (see Section 5.4.1.1
"GPIO Support Registers" on page 231). GPIO63 must be
pulsed low for at least 16 msec and not more than 4 sec.
Asserting POR# has no effect on ACPI. If POR# is
asserted and ACPI was active prior to POR#, then ACPI
Table 5-6. Power Planes Control Signals vs.
Sleep States
Signal
S0
SL1
SL2
SL3
SL4
and
SL5
PWRCNT111000
PWRCNT211100
ONCTL#
00001
Table 5-7. Power Planes vs. Sleep/Global States
Sleep/
Global State
VCORE,VCCCRT,
VI/O, VPLL,
AVCCCRT
VSB,
VSBL
VBAT
S0, SL1 and
SL2
On
On
On or Off
SL3, SL4
and SL5
Off
On
On or Off
G3
Off
Off
On
No Power
Off
Off
Off
Illegal
On
Off
On or Off
Table 5-8. Power Management Events
Event
SCI
SMI
Power Button
Yes
Yes
Power Button Override
Yes
-
Bus Master Request
Yes
-
Thermal Monitoring
Yes
Yes
USB
Yes
Yes
RTC
Yes
Yes
ACPI Timer
Yes
Yes
GPIO
Yes
Yes
SDATA_IN2 (AC97)
Yes
Yes
IRRX1
Yes
Yes
RI2#
Yes
Yes
GPWIO
Yes
Yes
Internal SMI signal
Yes
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com